Electronic Components Datasheet Search
  English  ▼

X  

S324DB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S324DB
Description  300 Series Deep Bracket (DB)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S324DB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S324DB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-44
DURA-CON®
High Reliability
All-Plastic
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
2
Call Toll Free: 1 (800) 323-9612
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet
Deep Bracket
300 Series Deep Bracket (DB)
No. of
Catalog No.
Catalog No.
Contacts
Plug
Socket
2
P-302-DB
S-302-DB
3
P-303-DB
S-303-DB
4
P-304-DB
S-304-DB
6
P-306-DB
S-306-DB
8
N/A
N/A
10
N/A
N/A
12
P-312-DB
N/A
15
P-315-DB
S-315-DB
18
P-318-DB
S-318-DB
21
P-321-DB
S-321-DB
24
P-324-DB
S-324-DB
27
P-327-DB
S-327-DB
30
P-330-DB
S-330-DB
33
P-333-DB
S-333-DB
Dimensions
Y = length of plug or socket tails.
LM
No. of
±.063 (1.60mm)
±.031 (.79mm)
Polarizing
Contacts
in
mm
in
mm
Pin
15
2.813
71.44
2.375
60.33
NO
18
3.125
79.38
2.688
68.28
NO
21
3.437
87.31
3.000
76.20
NO
24
3.750
95.25
3.313
84.15
14
27
4.063
103.19
3.625
92.08
14
30
4.375
111.13
3.938
100.03
14
33
4.688
119.06
4.250
107.95
17
AB
C
Reference
in
mm
in
mm
in
mm
302-DB thru
312-DB
1.453
36.91
1.125
28.58
1.750
38.10
315-DB
2.000
50.80
1.438
36.53
2.376
60.35
318-DB
2.313
58.75
1.438
36.53
2.688
68.28
321-DB
2.625
66.68
1.438
36.53
3.000
76.20
324-DB
2.938
74.63
1.438
36.53
3.312
84.12
327-DB
3.250
82.55
1.438
36.53
3.626
92.10
330-DB
3.562
90.47
1.438
36.53
3.938
100.03
333-DB
3.875
98.43
1.438
36.53
4.250
107.95
Panel Cutout Dimensions
Marketed exclusively through distribution.


Similar Part No. - S324DB

ManufacturerPart #DatasheetDescription
logo
AUK corp
S324 AUK-S324 Datasheet
205Kb / 3P
Low Power Quad OP AMP
S324 AUK-S324 Datasheet
221Kb / 4P
Low Power Quad OP AMP
logo
SPANSION
S324GB12UI SPANSION-S324GB12UI Datasheet
1,003Kb / 52P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
S324GB70UI SPANSION-S324GB70UI Datasheet
1,003Kb / 52P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
S324GB90UI SPANSION-S324GB90UI Datasheet
1,003Kb / 52P
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - S324DB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-155 MACOM-AM-AMC-155 Datasheet
223Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-155 MA-COM-AM-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
KR Electronics, Inc.
2961 KR-2961 Datasheet
59Kb / 3P
300 MHz minimum 1 dB BW
2961-SMA KR-2961-SMA Datasheet
74Kb / 3P
300 MHz minimum 1 dB BW
logo
NXP Semiconductors
AN11293 NXP-AN11293 Datasheet
372Kb / 19P
BGA3012 - 5 MHz to 300 MHz 12 dB reverse amplifier
Rev. 1-14 February 2013
AN11294 NXP-AN11294 Datasheet
371Kb / 19P
BGA3015 - 5 MHz to 300 MHz 15 dB reverse amplifier
Rev. 1-14 February 2013
logo
Weidmuller
1059000000 WEIDMULLER-1059000000 Datasheet
339Kb / 4P
W-Series, End bracket
October 6, 2021
logo
TRACO Electronic AG
TFI300 TRACOPOWER-TFI300 Datasheet
325Kb / 4P
TFI 300 Series, 300 Watt
Rev. July 7, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com