Electronic Components Datasheet Search
  English  ▼

X  

BC848 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC848
Description  General Purpose Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848 Datasheet(HTML) 2 Page - ON Semiconductor

  BC848 Datasheet HTML 1Page - ON Semiconductor BC848 Datasheet HTML 2Page - ON Semiconductor BC848 Datasheet HTML 3Page - ON Semiconductor BC848 Datasheet HTML 4Page - ON Semiconductor BC848 Datasheet HTML 5Page - ON Semiconductor BC848 Datasheet HTML 6Page - ON Semiconductor BC848 Datasheet HTML 7Page - ON Semiconductor BC848 Datasheet HTML 8Page - ON Semiconductor BC848 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BC846, SBC846, BC847, SBC847, BC848 Series
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
BC846, SBC846 Series
(IC = 10 mA)
BC847, SBC847 Series
BC848 Series
V(BR)CEO
65
45
30
−
−
−
−
−
−
V
Collector − Emitter Breakdown Voltage
BC846, SBC846 Series
(IC = 10 mA, VEB = 0)
BC847, SBC847 Series
BC848 Series
V(BR)CES
80
50
30
−
−
−
−
−
−
V
Collector − Base Breakdown Voltage
BC846, SBC846 Series
(IC = 10 mA)
BC847, SBC847 Series
BC848 Series
V(BR)CBO
80
50
30
−
−
−
−
−
−
V
Emitter − Base Breakdown Voltage
BC846, SBC846 Series
(IE = 1.0 mA)
BC847, SBC847 Series
BC848 Series
V(BR)EBO
6.0
6.0
5.0
−
−
−
−
−
−
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
−
−
−
−
15
5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
BC846A, BC847A, SBC847A, BC848A
(IC = 10 mA, VCE = 5.0 V)
BC846B, SBC846B, BC847B, SBC847B, BC848B
BC847C, SBC847C, BC848C
(IC = 2.0 mA, VCE = 5.0 V)
BC846A, BC847A, SBC847A, BC848A
BC846B, SBC846B, BC847B, SBC847B, BC848B
BC847C, SBC847C, BC848C
hFE
−
−
−
110
200
420
90
150
270
180
290
520
−
−
−
220
450
800
−
Collector − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
−
−
−
−
0.25
0.6
V
Base − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
−
−
0.7
0.9
−
−
V
Base − Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base − Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
−
660
−
700
770
mV
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
−
−
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
−
−
4.5
pF
Noise Figure (IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
−
−
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com