Electronic Components Datasheet Search
  English  ▼

X  

ST1S03PMR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1S03PMR
Description  1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03PMR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1S03PMR Datasheet HTML 2Page - STMicroelectronics ST1S03PMR Datasheet HTML 3Page - STMicroelectronics ST1S03PMR Datasheet HTML 4Page - STMicroelectronics ST1S03PMR Datasheet HTML 5Page - STMicroelectronics ST1S03PMR Datasheet HTML 6Page - STMicroelectronics ST1S03PMR Datasheet HTML 7Page - STMicroelectronics ST1S03PMR Datasheet HTML 8Page - STMicroelectronics ST1S03PMR Datasheet HTML 9Page - STMicroelectronics ST1S03PMR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
ST1S03
6/17
4
Electrical characteristics
Table 4.
Electrical characteristics (VIN_SW = VIN_A = 5V, CI = 4.7µF, CO = 22µF, L1 = 3.3µH,
TJ = 0 to 125°C, unless otherwise specified. Typical values are referred to 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
FB
Feedback voltage
784
800
816
mV
PSRR
Feedback PSRR
1Hz < Frequency VIN
-60
dB
IFB
VFB Pin bias current
600
nA
BW
Bandwidth of error amplifier
Closed Loop
300
KHz
IQ
Quiescent current
No Switching
2.5
mA
IO
Output current
VIN =3V to 16V
1.5
A
IMIN
Minimum output current
1
mA
%VO/∆VIN Reference line regulation
VIN = 3V to 16V
0.032
0.06
%VO/
∆VIN
%VO/∆IO
Reference load regulation
IO = 10mA to 1.2A
0.0014
0.003
%VO/
mA
PWM fS
PWM Switching frequency (1)
1.
Guaranteed by design, but not tested in production.
VFB = 0.8V, TA =25°C
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
87
%
ISWL
Switching current limitation
1.65
A
VDS
Switch VDS
ISW = 750 mA
200
350
mV
E
Efficiency
IO =10mA to 1.2A
70
%
TSHDN
Thermal shut down (1)
130
150
°C
THYS
Thermal shut down hysteresis (1)
15
°C
∆VO/∆IO Load transient response (1)
IO = 100mA to 700mA
tR = tF ≥ 100ns, TA = 25°C
-5
+5
%VO
∆VO/∆IO@
IO=short
Short circuit removal response(1) IO = 10mA to short, TA = 25°C
+5
%VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com