Electronic Components Datasheet Search
  English  ▼

X  

SST211 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # SST211
Description  N-Channel Lateral DMOS FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

SST211 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  SST211 Datasheet HTML 1Page - TEMIC Semiconductors SST211 Datasheet HTML 2Page - TEMIC Semiconductors SST211 Datasheet HTML 3Page - TEMIC Semiconductors SST211 Datasheet HTML 4Page - TEMIC Semiconductors SST211 Datasheet HTML 5Page - TEMIC Semiconductors SST211 Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SD211DE/SST211 Series
Siliconix
S-51850—Rev. F, 14-Apr-97
1
N-Channel Lateral DMOS FETs
SD211DE
SD213DE
SD215DE
SST211
SST213
SST215
Product Summary
Part Number
V(BR)DS Min (V)
VGS(th) Max (V)
rDS(on) Max (W)
Crss Max (pF)
tON Max (ns)
SD211DE
30
1.5
45 @ VGS = 10 V
0.5
2
SD213DE
10
1.5
45 @ VGS = 10 V
0.5
2
SD215DE
20
1.5
45 @ VGS = 10 V
0.5
2
SST211
30
1.5
50 @ VGS = 10 V
0.5
2
SST213
10
1.5
50 @ VGS = 10 V
0.5
2
SST215
20
1.5
50 @ VGS = 10 V
0.5
2
Features
Benefits
Applications
D Ultra-High Speed Switching—tON: 1 ns
D Ultra-Low Reverse Capacitance: 0.2 pF
D Low Guaranteed rDS @ 5 V
D Low Turn-On Threshold Voltage
D N-Channel Enhancement Mode
D High Speed System Performance
D Low Insertion Loss at High Frequencies
D Low Transfer Signal Loss
D Simple Driver Requirement
D Single Supply Operation
D Fast Analog Switch
D Fast Sample-and-Holds
D Pixel-Rate Switching
D DAC Deglitchers
D High-Speed Driver
Description
The SD211DE/SST211 series consists of enhancement-
mode MOSFETs designed for high speed low-glitch
switching
in
audio,
video,
and
high-frequency
applications. The SD211 may be used for
"5-V analog
switching or as a high speed driver of the SD214. The
SD214 is normally used for
"10-V analog switching.
These MOSFETs utilize lateral construction to achieve
low capacitance and ultra-fast switching speeds. An
integrated Zener diode provides ESD protection. These
devices feature a poly-silicon gate for manufacturing
reliability.
For similar products see:
quad array—SD5000/5400
series and non-Zener protection—SD210DE/214DE.
Top View
SD211DE, SD213DE, SD215DE
Top View
SST211 (D1)*, SST213 (D3)*, SST215 (D5)*
TO253
(SOT 143)
SD
23
1
G
4
*Marking Code for TO253
G
S
D
TO-206AF
(TO-72)
Body
Substrate
(Case)
1
23
4
Body Substrate
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70295.
Applications information may also be obtained via FaxBack, request document #70607.


Similar Part No. - SST211

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST211 CALOGIC-SST211 Datasheet
26Kb / 2P
FAST DMOS FET Switches N-Channel Enhancement-Mode
logo
Linear Integrated Syste...
SST211 LINEAR-SST211 Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SST211 LINEAR-SST211 Datasheet
513Kb / 3P
N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SST211 LINEAR-SST211 Datasheet
220Kb / 4P
N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SST211 LINEAR-SST211 Datasheet
511Kb / 3P
N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
More results

Similar Description - SST211

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
Calogic, LLC
SD2100 CALOGIC-SD2100 Datasheet
26Kb / 2P
N-Channel Depletion Mode Lateral DMOS FET
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
476Kb / 2P
N-CHANNEL LATERAL DMOS SWITCH
SD211 LINEAR-SD211 Datasheet
513Kb / 3P
N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SDSST211 LINEAR-SDSST211 Datasheet
511Kb / 3P
N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD210DE LINEAR-SD210DE Datasheet
512Kb / 2P
N-CHANNEL LATERAL DMOS SWITCH
logo
Supertex, Inc
LNE150 SUTEX-LNE150 Datasheet
44Kb / 2P
N-Channel Enhancement-Mode DMOS FETs
logo
Micross Components
SD210DE MICROSS-SD210DE Datasheet
240Kb / 1P
N-Channel Enhancement Mode DMOS Lateral Switches
SD211DE MICROSS-SD211DE Datasheet
229Kb / 1P
N-Channel Lateral DMOS Switch - Zener Protected
logo
Microchip Technology
LND150 MICROCHIP-LND150 Datasheet
580Kb / 16P
N-Channel Depletion-Mode DMOS FETs
08/15/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com