Electronic Components Datasheet Search
  English  ▼

X  

GMS30140 Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # GMS30140
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30140 Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button GMS30140 Datasheet HTML 26Page - Hynix Semiconductor GMS30140 Datasheet HTML 27Page - Hynix Semiconductor GMS30140 Datasheet HTML 28Page - Hynix Semiconductor GMS30140 Datasheet HTML 29Page - Hynix Semiconductor GMS30140 Datasheet HTML 30Page - Hynix Semiconductor GMS30140 Datasheet HTML 31Page - Hynix Semiconductor GMS30140 Datasheet HTML 32Page - Hynix Semiconductor GMS30140 Datasheet HTML 33Page - Hynix Semiconductor GMS30140 Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 158 page
background image
3 - 3
Category
26
27
28
Arithmetic
DY
EORM
NEGA
Mnemonic
Y
à Y - 1
Function
A
à A + M (X,Y)
A
à A + 1
B
S
Z
ST*1
29
30
Comparison
ALEM
ALEI i
TEST A
õ M(X,Y)
TEST A
õ i
E
E
31
32
MNEZ
YNEA
TEST M(X,Y)
ó 0
TEST Y
ó A
N
N
33
34
YNEI i
KNEZ
TEST Y
ó i
TEST K
ó 0
N
N
35
RNEZ
TEST R
ó 0N
36
37
Input /
Output
LAK
LAR
A
à K
A
à R
S
S
38
39
SO
RO
Output(Y)
à 1*2
Output(Y)
à 0*2
S
S
40
41
Control
WDTR
STOP
Watch Dog Timer Reset
Stop operation
S
S
42
43
LPY
NOP
PMR
à Y
No operation
S
S
Note) i = 0~f, n = 0~3, a = 6bit PC Address
*1 Column ST indicates conditions for changing status. Symbols have the following
meanings
S : On executing an instruction, status is unconditionally set.
C : Status is only set when carry or borrow has occurred in operation.
B : Status is only set when borrow has not occurred in operation.
E : Status is only set when equality is found in comparison.
N : Status is only set when equality is not found in comparison.
Z : Status is only set when the result is zero.
Chapter 3. Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com