Electronic Components Datasheet Search
  English  ▼

X  

GMS81508B Datasheet(PDF) 46 Page - Hynix Semiconductor

Part # GMS81508B
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81508B Datasheet(HTML) 46 Page - Hynix Semiconductor

Back Button GMS81508B Datasheet HTML 42Page - Hynix Semiconductor GMS81508B Datasheet HTML 43Page - Hynix Semiconductor GMS81508B Datasheet HTML 44Page - Hynix Semiconductor GMS81508B Datasheet HTML 45Page - Hynix Semiconductor GMS81508B Datasheet HTML 46Page - Hynix Semiconductor GMS81508B Datasheet HTML 47Page - Hynix Semiconductor GMS81508B Datasheet HTML 48Page - Hynix Semiconductor GMS81508B Datasheet HTML 49Page - Hynix Semiconductor GMS81508B Datasheet HTML 50Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
HYUNDAI MicroElectronics
GMS81508B/16B/24B
DEC. 1999 Ver 1.04
43
11.3 8-bit Capture Mode
The Timer 0 capture mode is set by bit CAP0 of timer
mode register TM0 (bit CAP2 of timer mode register TM2
for Timer 2) as shown in Figure 21. In this mode, Timer 1
still operates as an 8-bit timer/counter.
As mentioned above, not only Timer 0 but Timer 2 can also
be used as a capture mode.
In 8-bit capture mode, Timer 1 and Timer 3 are can not be
used as a capture mode.
The Timer/Counter register is incremented in response in-
ternal or external input. This counting function is same
with normal timer mode, but Timer interrupt is not gener-
ated. Timer/Counter still does the above, but with the add-
ed feature that a edge transition at external input INTn pin
causes the current value in the Timer counter register
(T0,T2), to be captured into registers CDRn (CDR0,
CDR2), respectively. After captured, Timer counter regis-
ter is cleared and restarts by hardware.
Note: The CDRn and TDRn are in same address.In the
capture mode, reading operation is read the CDRn, not
TDRn because path is opened to the CDRn.
It has three transition modes: "falling edge", "rising edge",
"both edge" which are selected by interrupt edge selection
register IEDS. Refer to “16.4 External Interrupt” on page
61. In addition, the transition at INTn pin generate an inter-
rupt.
Figure 11-9 8-bit Capture Mode
EC0 PIN
÷ 4
÷ 16
÷ 64
XIN PIN
MUX
INT0IF
0: Stop
1: Clear and start
T0ST
T0SL[1:0]
“00”
“01”
“10”
“11”
INT0
INTERRUPT
T0CN
CDR0 (8-bit)
T0 (8-bit)
TIMER 0
BTCL
7
654
321
0
T1ST
CAP0
T0SL1
INITIAL VALUE: 00H
ADDRESS: 0E2H
TM0
T0SL0
T0CN
T0ST
T1SL1 T1SL0
1X
X
X
X
X
X means don’t care
01 or 10 or 11
“01”
“10”
“11”
INT0 PIN
Capture
To TIMER1
IEDS[1:0]
Edge Detector
This figure is a example of using the Timer0.
In the Timer2, operation is same like Timer0, each registers and
flags may be changed with for Timer2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com