Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2120 Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # GMS81C2120
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2120 Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button GMS81C2120 Datasheet HTML 84Page - Hynix Semiconductor GMS81C2120 Datasheet HTML 85Page - Hynix Semiconductor GMS81C2120 Datasheet HTML 86Page - Hynix Semiconductor GMS81C2120 Datasheet HTML 87Page - Hynix Semiconductor GMS81C2120 Datasheet HTML 88Page - Hynix Semiconductor GMS81C2120 Datasheet HTML 89Page - Hynix Semiconductor GMS81C2120 Datasheet HTML 90Page - Hynix Semiconductor GMS81C2120 Datasheet HTML 91Page - Hynix Semiconductor GMS81C2120 Datasheet HTML 92Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
89
Figure 24-6 Programming Flow Chart
EPROM Enable Delay Time after THLD1
TDLY1
200
nS
EPROM Enable Hold Time in Write Mode
THLD2
100
nS
EPROM Enable Delay Time after THLD2
TDLY2
200
nS
CTL2,1 Setup Time after Low Address input and Data input
TCD1
100
nS
CTL1 Setup Time before Data output in Read and Verify Mode
TCD2
100
nS
Table 24-3 AC/DC Requirements for Program/Read Mode
START
Set VDD=VDD1H
Set VPP=VIHP
Verify blank
First Address Location
EPROM Write
N=1
Verify pass
Last address
Apply 3N program cycle
100uS program time
Next address location
Verify pass
Report
Programming failure
Report
Programming failure
Verify fof all address
Verify OK
Report
Verify failure
Report
Programming OK
VDD=VPP=0v
END
NO
YES
YES
YES
YES
YES
NO
NO
NO
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com