Electronic Components Datasheet Search
  English  ▼

X  

GMS87C2120 Datasheet(PDF) 77 Page - Hynix Semiconductor

Part # GMS87C2120
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C2120 Datasheet(HTML) 77 Page - Hynix Semiconductor

Back Button GMS87C2120 Datasheet HTML 73Page - Hynix Semiconductor GMS87C2120 Datasheet HTML 74Page - Hynix Semiconductor GMS87C2120 Datasheet HTML 75Page - Hynix Semiconductor GMS87C2120 Datasheet HTML 76Page - Hynix Semiconductor GMS87C2120 Datasheet HTML 77Page - Hynix Semiconductor GMS87C2120 Datasheet HTML 78Page - Hynix Semiconductor GMS87C2120 Datasheet HTML 79Page - Hynix Semiconductor GMS87C2120 Datasheet HTML 80Page - Hynix Semiconductor GMS87C2120 Datasheet HTML 81Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
77
Figure 21-3 Application Example of Unused Input Port
Minimizing Current Consumption in Stop Mode
The Stop mode is designed to reduce power consumption.
To minimize current drawn during Stop mode, the user
should turn-off output drivers that are sourcing or sinking
current, if it is practical. Weak pull-ups on port pins should
be turned off, if possible. All inputs should be either as
VSS or at VDD (or as close to rail as possible).
An intermediate voltage on an input pin causes the input
buffer to draw a significant amount of current.
Figure 21-4 Timing of STOP Mode Release by External Interrupt
OUTPUT PIN
GND
i
In the left case, much current flows from port to GND.
X
ON
OFF
OUTPUT PIN
GND
i
In the left case, Tr. base current flows from port to GND.
i=0
X
OFF
ON
VDD
L
ON
OFF
OPEN
GND
VDD
L
ON
OFF
To avoid power consumption, there should be low output
ON
OFF
O
O
VDD
O
to the port .
STOP Mode
Normal Operation
Oscillator
(XI pin)
N+1
NN+2
00
01
FE
FF
00
00
N-1
N-2
Clear Basic Interval Timer
STOP Instruction Execution
Normal Operation
Stabilization Time
tST > 20mS
Internal
Clock
External
Interrupt
BIT
Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com