Electronic Components Datasheet Search
  English  ▼

X  

GMS81C5032 Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # GMS81C5032
Description  8-BIT SINGLE CHIP MICROCONTROLLERS
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C5032 Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button GMS81C5032 Datasheet HTML 85Page - Hynix Semiconductor GMS81C5032 Datasheet HTML 86Page - Hynix Semiconductor GMS81C5032 Datasheet HTML 87Page - Hynix Semiconductor GMS81C5032 Datasheet HTML 88Page - Hynix Semiconductor GMS81C5032 Datasheet HTML 89Page - Hynix Semiconductor GMS81C5032 Datasheet HTML 90Page - Hynix Semiconductor GMS81C5032 Datasheet HTML 91Page - Hynix Semiconductor GMS81C5032 Datasheet HTML 92Page - Hynix Semiconductor GMS81C5032 Datasheet HTML 93Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 99 page
background image
Appendix A. GMS800 Series Instruction
A-6
NO.
MNENONIC
OP
CODE
BYTE
NO.
CYCLE
NO
OPERATION
FLAG
NVGBHIZC
164
SET1 dp.bit
x1
2
4
Set bit : (M.bit)
← “1”
- - - - - - - -
165
SETA1 A.bit
0B
2
2
Set A.bit : (A.bit)
← “1”
- - - - - - - -
166
SETC
A0
1
2
Set C-flag : C
← “1”
- - - - - - - 1
167
SETG
C0
1
2
Set G-flag : G
← “1”
- - 1 - - - - -
168
STA dp
E5
2
3
Store accumulator contents in memory
- - - - - - - -
169
STA dp + X
E6
2
4
(M)
← A
170
STA !abs
E7
3
4
171
STA !abs + Y
F5
3
5
172
STA [dp + X]
F6
2
6
173
STA [dp] + Y
F7
2
6
174
STA {X}
F4
1
3
175
STA {X}+
FB
1
4
X-register auto-increment : (M)
← A, X ← X + 1
176
STC M.bit
EB
3
6
Store C-flag : (M.bit)
← C
- - - - - - - -
177
STOP
00
1
3
Stop mode (halt CPU, stop oscillator)
- - - - - - - -
178
STX dp
EC
2
4
Store X-register contents in memory
- - - - - - - -
179
STX dp + Y
ED
2
5
(M)
← X
180
STX !abs
FC
3
5
181
STY dp
E9
2
4
Store Y-register contents in memory
- - - - - - - -
182
STY dp + X
F9
2
5
(M)
← Y
183
STY !abs
F8
3
5
184
STYA dp
DD
2
5
Store YA : (dp+1)(dp)
← YA
- - - - - - - -
185
SUBW dp
3D
2
5
16-bits substract without carry : YA
← YA - (dp+1)(dp)
NV - - H - ZC
186
TAX
E8
1
2
Transfer accumulator contents to X-register : X
← A
N - - - - - Z -
187
TAY
9F
1
2
Transfer accumulator contents to Y-register : Y
← A
N - - - - - Z -
188
TCALL n
nA
1
8
Table call :
- - - - - - - -
M(SP)
← (PCH), SP ← SP -1,
M(SP)
← (PCL), SP ← SP -1
PCL
← (Table vector L), PCH ← (Table vector H)
189
TCLR1 !abs
5C
3
6
Test and clear bits with A :
N - - - - - Z -
A - (M), (M)
← (M) ^ ~(A)
190
TSET1 !abs
3C
3
6
Test and set bits with A :
N - - - - - Z -
A - (M), (M)
← (M) V (A)
191
TSPX
AE
1
2
Transfer stack-pointer contents to X-register : X
← SP
N - - - - - Z -
192
TST dp
4C
2
3
Test memory contents for negative or zero : (dp) - 00H
N - - - - - Z -
193
TXA
C8
1
2
Transfer X-register contents to accumulator : A
← X
N - - - - - Z -
194
TXSP
8E
1
2
Transfer X-register contents to stack-pointer : SP
← X
N - - - - - Z -
195
TYA
BF
1
2
Transfer Y-register contents to accumulator : A
← Y
N - - - - - Z -
196
XAX
EE
1
4
Exchange X-register contents with accumulator : X fA
- - - - - - - -
197
XAY
DE
1
4
Exchange Y-register contents with accumulator : Y fA
- - - - - - - -
198
XCN
CE
1
5
Exchange nibbles within the accumulator:
N - - - - - Z -
A7 ~ A4 f A3 ~ A0
199
XMA dp
BC
2
5
Exchange memory contents with accumulator
N - - - - - Z -
200
XMA dp + X
AD
2
6
(M) f A
201
XMA {X}
BB
1
5
202
XYX
FE
1
4
Exchange X-register contents with Y-register : X f Y
- - - - - - - -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com