Electronic Components Datasheet Search
  English  ▼

X  

GMS87C2020Q Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # GMS87C2020Q
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C2020Q Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button GMS87C2020Q Datasheet HTML 17Page - Hynix Semiconductor GMS87C2020Q Datasheet HTML 18Page - Hynix Semiconductor GMS87C2020Q Datasheet HTML 19Page - Hynix Semiconductor GMS87C2020Q Datasheet HTML 20Page - Hynix Semiconductor GMS87C2020Q Datasheet HTML 21Page - Hynix Semiconductor GMS87C2020Q Datasheet HTML 22Page - Hynix Semiconductor GMS87C2020Q Datasheet HTML 23Page - Hynix Semiconductor GMS87C2020Q Datasheet HTML 24Page - Hynix Semiconductor GMS87C2020Q Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
21
7.6 AC Characteristics
(TA=-40~ 85°C, VDD=5V±10%, VSS=0V)
Figure 7-1 Timing Chart
Parameter
Symbol
Pins
Specifications
Unit
Min.
Typ.
Max.
Operating Frequency
fCP
XIN
1
-
8
MHz
External Clock Pulse Width
tCPW
XIN
80
-
-
nS
External Clock Transition Time
tRCP,tFCP
XIN
-
-
20
nS
Oscillation Stabilizing Time
tST
XIN, XOUT
-
-
20
mS
External Input Pulse Width
tEPW
INT0, INT1, EC0
2
-
-
tSYS
External Input Pulse Transi-
tion Time
tREP,tFEP
INT0, INT1, EC0
-
-
20
nS
RESET Input Width
tRST
RESET
8-
-
tSYS
tRCP
tFCP
XI
INT0, INT1
0.5V
VDD-0.5V
0.2VDD
RESETB
tREP
tFEP
0.2VDD
0.8VDD
EC0
tRST
tEPW
tEPW
1/fCP
tCPW
tCPW
tSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com