Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM1 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90PWM1
Description  High Performance, Low Power AVR 8-bit Microcontroller
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM1 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90PWM1 Datasheet HTML 1Page - ATMEL Corporation AT90PWM1 Datasheet HTML 2Page - ATMEL Corporation AT90PWM1 Datasheet HTML 3Page - ATMEL Corporation AT90PWM1 Datasheet HTML 4Page - ATMEL Corporation AT90PWM1 Datasheet HTML 5Page - ATMEL Corporation AT90PWM1 Datasheet HTML 6Page - ATMEL Corporation AT90PWM1 Datasheet HTML 7Page - ATMEL Corporation AT90PWM1 Datasheet HTML 8Page - ATMEL Corporation AT90PWM1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 297 page
background image
Features
• High Performance, Low Power AVR ® 8-bit Microcontroller
• Advanced RISC Architecture
– 131 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 1 MIPS throughput per MHz
– On-chip 2-cycle Multiplier
• Data and Non-Volatile Program Memory
– 8K Bytes Flash of In-System Programmable Program Memory
• Endurance: 10,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– 512 Bytes of In-System Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
– 512 Bytes Internal SRAM
– Programming Lock for Flash Program and EEPROM Data Security
• On Chip Debug Interface (debugWIRE)
• Peripheral Features
– Two 12-bit High Speed PSC (Power Stage Controllers) with 4-bit Resolution
Enhancement
• Non Overlapping Inverted PWM Output Pins With Flexible Dead-Time
• Variable PWM duty Cycle and Frequency
• Synchronous Update of all PWM Registers
• Auto Stop Function for Event Driven PFC Implementation
• Less than 25 Hz Step Width at 150 kHz Output Frequency
• PSC2 with four Output Pins and Output Matrix
– One 8-bit General purpose Timer/Counter with Separate Prescaler and Capture
Mode
– One 16-bit General purpose Timer/Counter with Separate Prescaler, Compare
Mode and Capture Mode
– Master/Slave SPI Serial Interface
– 10-bit ADC
• 8 Single Ended Channels and 1 Fully Differential ADC Channel Pair
• Programmable Gain (5x, 10x, 20x, 40x on Differential Channel)
• Internal Reference Voltage
– Two Analog Comparator with Resistor-Array to Adjust Comparison Voltage
– 4 External Interrupts
– Programmable Watchdog Timer with Separate On-Chip Oscillator
• Special Microcontroller Features
– Low Power Idle, Noise Reduction, and Power Down Modes
– Power On Reset and Programmable Brown Out Detection
– Flag Array in Bit-programmable I/O Space (4 bytes)
– In-System Programmable via SPI Port
– Internal Calibrated RC Oscillator ( 8 MHz)
– On-chip PLL for fast PWM ( 32 MHz, 64 MHz) and CPU (16 MHz)
4378C–AVR–09/08
8-bit
Microcontroller
with 8K Bytes
In-System
Programmable
Flash
AT90PWM1


Similar Part No. - AT90PWM1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1-16MU ATMEL-AT90PWM1-16MU Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1-16SU ATMEL-AT90PWM1-16SU Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM161 ATMEL-AT90PWM161 Datasheet
3Mb / 327P
131 powerful instructions - most single clock cycle execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
131 powerful instructions - most single clock cycle execution
More results

Similar Description - AT90PWM1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT90USB82 ATMEL-AT90USB82_14 Datasheet
320Kb / 21P
High Performance, Low Power AVR 8-Bit Microcontroller
ATTINY85 ATMEL-ATTINY85_14 Datasheet
3Mb / 196P
High Performance, Low Power AVR 8-Bit Microcontroller
logo
Microchip Technology
ATMEGA48A MICROCHIP-ATMEGA48A Datasheet
33Mb / 662P
High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com