Electronic Components Datasheet Search
  English  ▼

X  

GMS90C3X Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GMS90C3X
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C3X Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GMS90C3X Datasheet HTML 2Page - Hynix Semiconductor GMS90C3X Datasheet HTML 3Page - Hynix Semiconductor GMS90C3X Datasheet HTML 4Page - Hynix Semiconductor GMS90C3X Datasheet HTML 5Page - Hynix Semiconductor GMS90C3X Datasheet HTML 6Page - Hynix Semiconductor GMS90C3X Datasheet HTML 7Page - Hynix Semiconductor GMS90C3X Datasheet HTML 8Page - Hynix Semiconductor GMS90C3X Datasheet HTML 9Page - Hynix Semiconductor GMS90C3X Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
GMS90 Series
2
Oct. 2000 Ver 3.1a
GMS90C32/52, 97C52
GMS90L32/52, 97L52 (Low voltage versions)
• Fully compatible to standard MCS-51 microcontroller
• Wide operating frequency up to 40MHz (for more detail, see “GMS90 Series Selection Guide”)
•8K
× 8 (EP)ROM
•256
× 8RAM
• 64K external program memory space
• 64K external data memory space
• Four 8-bit ports
• Three 16-bit Timers / Counters (Timer2 with up/down counter feature)
• USART
• Six interrupt sources, two priority levels
• Power saving Idle and power down mode
• Quick pulse programming algorithm (in the OTP devices)
• 2-level program memory lock (in the OTP devices)
• 2.7Volt low voltage version available
• P-DIP-40, P-LCC-44, P-MQFP-44 package
Block Diagram
RAM
256
× 8
PORT 0
PORT 1
PORT 3
PORT 2
8-BIT
USART
ROM / EPROM
8K
× 8
CPU
T0
T1
I/O
I/O
I/O
I/O
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com