Electronic Components Datasheet Search
  English  ▼

X  

GMS90C52 Datasheet(PDF) 52 Page - Hynix Semiconductor

Part # GMS90C52
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C52 Datasheet(HTML) 52 Page - Hynix Semiconductor

Back Button GMS90C52 Datasheet HTML 48Page - Hynix Semiconductor GMS90C52 Datasheet HTML 49Page - Hynix Semiconductor GMS90C52 Datasheet HTML 50Page - Hynix Semiconductor GMS90C52 Datasheet HTML 51Page - Hynix Semiconductor GMS90C52 Datasheet HTML 52Page - Hynix Semiconductor GMS90C52 Datasheet HTML 53Page - Hynix Semiconductor GMS90C52 Datasheet HTML 54Page - Hynix Semiconductor GMS90C52 Datasheet HTML 55Page - Hynix Semiconductor GMS90C52 Datasheet HTML 56Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
GMS90 Series
48
Oct. 2000 Ver 3.1a
encryption table is disabled. However, the other security bit can still be programmed. Note that the EA/VPP pin
must not be allowed to go above the maximum specified VPP level for any amount of time. Even a narrow glitch
above that voltage can cause permanent damage to the device. The VPP source should be well regulated and free
glitches and overshoot.
Figure 12. Programming Configuration
Program Verification
If security bit 2 has not been programmed, the on-chip program memory can be read out for program verifica-
tion. The address of the program memory location to be read is applied to ports 1 and 2 as shown in Figure 15.
The other pins are held at the "Verify Code Data" levels indicated in Table 11. The contents of the address lo-
cation will be emitted on port 0 for this operation. If the encryption table has been programmed, the data pre-
sented at port 0 will be the exclusive NOR of the program byte with one of the encryption bytes. The user will
have to know the encryption table contents in order to correctly decode the verification data. The encryption
table itself cannot be read out.
P1
RST
P3.6
P3.7
XTAL2
XTAL1
VSS
VCC
P0
EA/VPP
ALE/PROG
PSEN
P2.7
P2.6
P2.0
-P2.5
A0-A7
1
1
1
4~6MHz
1
1
0
GMS97X51/52:
+12.75V
GMS97X54/56/58:
100
µs × 25 pulses to GND
100
µs × 10 pulses to GND
+NOTE
NOTE:
PROGRAM DATA
A8-A13
+5V
P3.4
A14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com