Electronic Components Datasheet Search
  English  ▼

X  

HC2510C Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HC2510C
Description  Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HC2510C Datasheet(HTML) 4 Page - Hynix Semiconductor

  HC2510C Datasheet HTML 1Page - Hynix Semiconductor HC2510C Datasheet HTML 2Page - Hynix Semiconductor HC2510C Datasheet HTML 3Page - Hynix Semiconductor HC2510C Datasheet HTML 4Page - Hynix Semiconductor HC2510C Datasheet HTML 5Page - Hynix Semiconductor HC2510C Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HC2510C
4
Table 3. Recommended Operating Conditions
Value
Symbol
Parameter
Min
Max
Unit
Condition
AVCC
Supply Voltage
3
3.6
V
VIH
High-level Input Voltage
2
V
VIL
Low-level Input Voltage
0.8
V
VI
Input Voltage
0
VCC
V
IOH
High-level Output Current
-12
mA
IOL
Low-level Output Current
12
mA
TA
Operating Free-air Temperature
0
85
°C
Table 4. Electrical Characteristics Over Recommended Operating Free-air
Temperature Range
Value
Symbol
Min
Typ
Max
Unit
AVCC (V)
Test Conditions
VIK
-1.2
V
3
II = -18mA
Vcc-0.2
Min to Max
IOH = -100
µA
2.1
3
IOH = -12 mA
VOH
2.4
V
3
IOH = -6 mA
0.2
Min to Max
IOL =100 mA
0.8
3
IOL = 12 mA
VOL
0.55
V
3
IOL = 6 mA
II
±5
µA
3.6
VI =VCC or GND
ICC
10
µA
3.6
VI =VCC or GND, IO = 0,
Ouputs: low or high
∆ICC
500
µA
3.3 to 3.6
One input at VCC - 0.6V,
Other Inputs at VCC or GND
Ci
4
pF
3.3
VI = VCC or GND
Co
6
pF
3.3
VO = VCC or GND
Table 5.Timing Requirements Over Recommended Ranges of Supply Voltage
and Operating free-air Temperature
Value
Symbol
Parameter
Min
Max
Unit
fclock
Clock Frequency
25
125
MHz
Input Clock Duty Cycle
40
60
%
Stabilization Time
♣
1
ms
♣ Time to obtain phase lock of its feedback signal to its reference signal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com