Electronic Components Datasheet Search
  English  ▼

X  

S12K Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # S12K
Description  Silicon Standard Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

S12K Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  S12K Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. S12K Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. S12K Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 800 V - 1200 V
IF = 12 A
Features
• High Surge Capability
DO-4 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
Unit
Repetitive peak reverse voltage
VRRM
V
RMS reverse voltage
VRMS
V
DC blocking voltage
VDC
V
Silicon Standard
Recovery Diode
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
800
1200
840
1200
1000
800
Conditions
S12K (R)
S12M (R)
S12Q (R)
1000
700
560
• Types from 800 V to 1200 V VRRM
S12K thru S12QR
2. Reverse polarity (R): Stud is anode.
DC blocking voltage
VDC
V
Continuous forward current
IF
A
Operating temperature
Tj
°C
Storage temperature
Tstg
°C
Parameter
Symbol
Unit
Diode forward voltage
μA
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
°C/W
2.50
12
12
12
280
280
280
1200
1.1
1.1
-55 to 150
12
1000
800
10
S12Q (R)
1.1
10
10
-55 to 150
-55 to 150
-55 to 150
-55 to 150
-55 to 150
S12K (R)
S12M (R)
2.50
2.50
VR = 50 V, Tj = 175 °C
12
12
A
V
TC = 25 °C, tp = 8.3 ms
TC ≤ 144 °C
Conditions
VR = 50 V, Tj = 25 °C
IF = 12 A, Tj = 25 °C
Reverse current
IR
VF
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Similar Part No. - S12K

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
S12K GENESIC-S12K Datasheet
792Kb / 3P
Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
780Kb / 3P
Silicon Standard Recovery Diode
logo
Shanghai Shunye Electro...
S12K SHUNYE-S12K Datasheet
1Mb / 3P
SUFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
V2.22
logo
Taiwan Semiconductor Co...
S12KC TSC-S12KC Datasheet
289Kb / 5P
12A, 400V - 1000V Surface Mount Glass Passivated Rectifier
logo
HB Electronic Component...
S12KG2C HB-S12KG2C Datasheet
259Kb / 3P
Highest Flux Pure Green
More results

Similar Description - S12K

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N3208 GENESIC-1N3208_16 Datasheet
679Kb / 3P
Silicon Standard Recovery Diode
1N3212 GENESIC-1N3212_16 Datasheet
714Kb / 3P
Silicon Standard Recovery Diode
1N3765 GENESIC-1N3765_16 Datasheet
728Kb / 3P
Silicon Standard Recovery Diode
1N4588 GENESIC-1N4588_16 Datasheet
748Kb / 3P
Silicon Standard Recovery Diode
GKN7104 GENESIC-GKN7104_16 Datasheet
561Kb / 3P
Silicon Standard Recovery Diode
S25K GENESIC-S25K_16 Datasheet
784Kb / 3P
Silicon Standard Recovery Diode
S6K GENESIC-S6K_16 Datasheet
791Kb / 3P
Silicon Standard Recovery Diode
S16K GENESIC-S16K_16 Datasheet
782Kb / 3P
Silicon Standard Recovery Diode
S70B GENESIC-S70B_16 Datasheet
646Kb / 3P
Silicon Standard Recovery Diode
S85K GENESIC-S85K_16 Datasheet
611Kb / 3P
Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com