Electronic Components Datasheet Search
  English  ▼

X  

GMS97C56 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # GMS97C56
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS97C56 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button GMS97C56 Datasheet HTML 35Page - Hynix Semiconductor GMS97C56 Datasheet HTML 36Page - Hynix Semiconductor GMS97C56 Datasheet HTML 37Page - Hynix Semiconductor GMS97C56 Datasheet HTML 38Page - Hynix Semiconductor GMS97C56 Datasheet HTML 39Page - Hynix Semiconductor GMS97C56 Datasheet HTML 40Page - Hynix Semiconductor GMS97C56 Datasheet HTML 41Page - Hynix Semiconductor GMS97C56 Datasheet HTML 42Page - Hynix Semiconductor GMS97C56 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
GMS90 Series
Oct. 2000 Ver 3.1a
35
AC Characteristics for GMS90 series (16MHz)
External Data Memory Characteristics
Advance Information (16MHz)
External Clock Drive
Parameter
Symbol
16 MHz Oscillator
Variable Oscillator
1/tCLCL =3.5 to 16MHz
Unit
Min.
Max.
Min.
Max.
RD pulse width
tRLRH
275
-
6tCLCL-100
-
ns
WR pulse width
tWLWH
275
-
6tCLCL-100
-
ns
Address hold after ALE
tLLAX2
23
-
tCLCL-40
-
ns
RD to valid data in
tRLDV
-183
-
5tCLCL-130
ns
Data hold after RD
tRHDX
0-
0
-
ns
Data float after RD
tRHDZ
-75
-
2tCLCL-50
ns
ALE to valid data in
tLLDV
-350
-
8tCLCL-150
ns
Address to valid data in
tAVDV
-398
-
9tCLCL-165
ns
ALE to WR or RD
tLLWL
138
238
3tCLCL−50
3tCLCL+50
ns
Address valid to WR or RD
tAVWL
120
-
4tCLCL-130
-
ns
WR or RD high to ALE high
tWHLH
28
97
tCLCL−35
tCLCL+35
ns
Data valid to WR transition
tQVWX
13
-
tCLCL−50
-
ns
Data setup before WR
tQVWH
288
-
7tCLCL-150
-
ns
Data hold after WR
tWHQX
23
-
tCLCL−40
-
ns
Address float after RD
tRLAZ
-0
-
0
ns
Parameter
Symbol
Variable Oscillator
(Freq. = 3.5 to 16MHz)
Unit
Min.
Max.
Oscillator period
tCLCL
62.5
285.7
ns
High time
tCHCX
17
tCLCL -tCLCX
ns
Low time
tCLCX
17
tCLCL -tCHCX
ns
Rise time
tCLCH
-17
ns
Fall time
tCHCL
-17
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com