Electronic Components Datasheet Search
  English  ▼

X  

NPSS35 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NPSS35
Description  Improved glass passivation for high reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NPSS35 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NPSS35 Datasheet HTML 1Page - Naina Semiconductor ltd. NPSS35 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NPSS35
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Press Fit Stud Mount SCR ½”, 35 Amps
Features
•
Improved glass passivation for high reliability
•
Exceptional stability at high temperatures
•
Metric thread type available
•
Low thermal resistance
Electrical Characteristics (TA = 25
0C unless otherwise specified)
Parameter
Symbol
Part Numbers
Units
Maximum repetitive peak reverse voltage, VRRM
50
NPSS350
V
100
NPSS351
200
NPSS352
400
NPSS354
600
NPSS356
Maximum average forward output current
IT(AV)
35
A
Peak forward surge current, single half sine-wave
ITSM
350
A
Peak gate trigger current
IGTM
2
A
Peak gate power dissipation @ IGT ≤ IGTM
PGM
20
W
Average gate power dissipation
PG(AV)
0.5
W
Peak off-state current
IDRM & IRRM
1.0
mA
Maximum instantaneous forward voltage drop @ 100 A
VTM
1.6
V
DC holding current
IH
50
mA
Critical rate-of-rise of off-state voltage
dv/dt
200
V/µsec
Gate trigger current
IGT
25
mA
Gate trigger voltage
VGT
2.0
V
Turn-on time
Tgt
2.5
µsec
Thermal and Mechanical Specifications (TA = 25
oC, unless otherwise noted)
Parameters
Symbol
Values
Units
Maximum operating junction temperature range
TJ
- 40 to +150
oC
Maximum storage temperature range
TStg
- 40 to +150
oC
Maximum thermal resistance, junction to case
Rθ(J-C)
1.4
oC/W
Approximate weight
W
20
g
TO-48/F


Similar Part No. - NPSS35

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPSS20 NAINA-NPSS20 Datasheet
170Kb / 2P
Improved glass passivation for high reliability
NPSS25 NAINA-NPSS25 Datasheet
160Kb / 2P
Improved glass passivation for high reliability
NPSS40 NAINA-NPSS40 Datasheet
152Kb / 2P
Improved glass passivation for high reliability
More results

Similar Description - NPSS35

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPIS20 NAINA-NPIS20 Datasheet
175Kb / 2P
Improved glass passivation for high reliability
NPIS25 NAINA-NPIS25 Datasheet
172Kb / 2P
Improved glass passivation for high reliability
NPIS35 NAINA-NPIS35 Datasheet
179Kb / 2P
Improved glass passivation for high reliability
NPIS40 NAINA-NPIS40 Datasheet
188Kb / 2P
Improved glass passivation for high reliability
NPS20 NAINA-NPS20 Datasheet
157Kb / 2P
Improved glass passivation for high reliability
NPS35 NAINA-NPS35 Datasheet
151Kb / 2P
Improved glass passivation for high reliability
NPS40 NAINA-NPS40 Datasheet
153Kb / 2P
Improved glass passivation for high reliability
NPSS20 NAINA-NPSS20 Datasheet
170Kb / 2P
Improved glass passivation for high reliability
NPSS40 NAINA-NPSS40 Datasheet
152Kb / 2P
Improved glass passivation for high reliability
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS Datasheet
1Mb / 7P
Improved glass passivation for high reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com