Electronic Components Datasheet Search
  English  ▼

X  

HMS39C7092 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # HMS39C7092
Description  Embedded Flash MCU
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS39C7092 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button HMS39C7092 Datasheet HTML 35Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 36Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 37Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 38Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 39Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 40Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 41Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 42Page - Hynix Semiconductor HMS39C7092 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 199 page
background image
Flash MCU(HMS39C7092)
ARM7TDMI Core
Preliminary
39
2.4.4
ARM pseudo-instructions
ADR
The ADR pseudo-instruction loads a program-relative or register-relative address into a register.
Syntax
The syntax of ADR is:
ADR{ condition} register, expression
where:
register is the register to load.
expression is a program-relative or register-relative expression that evaluates to:
• a non word-aligned address within 255 bytes
• a word-aligned address within 1020 bytes.
The address can be either before or after the address of the instruction or the base
register.
Usage
ADR always assembles to one instruction. The assembler attempts to produce a single ADD or
SUB instruction to load the address. If the address cannot be constructed in a single instruction,
an error is generated and the assembly fails.
Use the ADRL pseudo-instruction to assemble a wider range of effective addresses.
If expression is program-relative, it must evaluate to an address in the same code area as the
ADR pseudo-instruction. Otherwise the address may be out of range after linking.
Example
start
MOV r0,#10
ADR r4,start
; => SUB r4,pc,#0xc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com