Electronic Components Datasheet Search
  English  ▼

X  

HMS81008E Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # HMS81008E
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81008E Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button HMS81008E Datasheet HTML 35Page - Hynix Semiconductor HMS81008E Datasheet HTML 36Page - Hynix Semiconductor HMS81008E Datasheet HTML 37Page - Hynix Semiconductor HMS81008E Datasheet HTML 38Page - Hynix Semiconductor HMS81008E Datasheet HTML 39Page - Hynix Semiconductor HMS81008E Datasheet HTML 40Page - Hynix Semiconductor HMS81008E Datasheet HTML 41Page - Hynix Semiconductor HMS81008E Datasheet HTML 42Page - Hynix Semiconductor HMS81008E Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
HMS81004E/08E/16E/24E/32E
36
JUNE 2001 Ver 1.00
11. BASIC INTERVAL TIMER
The HMS81004E/08E/16E/24E/32E has one 8-bit Basic
Interval Timer that is free-run and can not stop. Block dia-
gram is shown in Figure 11-1 .
The Basic Interval Timer generates the time base for
Standby release time, watchdog timer counting, and etc. It
also provides a Basic interval timer interrupt (IFBIT). As
the count overflow from FFH to 00H, this overflow causes
the interrupt to be generated.
-8bit binary up-counter
-Use the bit output of prescaler as input to secure the oscil-
lation stabilization time after power-on
-Secures the oscillation stabilization time in standby mode
(stop mode) release
-Contents of B.I.T can be read
-Provides the clock for watch dog timer
The Basic Interval Timer is controlled by the clock control
register (CKCTLR) shown in Figure 11-2 . If bit3(BTCL)
of CKCTLR is set to “1”, B.I.T is cleared, and then, after
one machine cycle, BTCL becomes “0”, and B.I.T starts
counting. BTCL is set to ``0`` in reset state.
The input clock of B.I.T can be selected from the prescaler
within a range of 2us to 256us by clock input selection bits
(BTS2~BTS0). (at fex = 4MHz). In reset state, or power
on reset, BTS2=“1”, BTS1= “1”, BTS0= “1” to secure the
longest oscillation stabilization time. B.I.T can generate
the wide range of basic interval time interrupt request (IF-
BIT) by selecting prescaler output.
By reading of the Basic Interval Timer Register (BITR),
we can read counter value of B.I.T. Because B.I.T can be
cleared or read, the spending time up to maximum 65.5ms
can be available. B.I.T is read-only register. If B.I.T reg-
ister is written, then CKCTLR register with same address
is written.
Figure 11-1 Block diagram of Basic Interval Timer
MUX
Basic Interval Timer Interrupt
Select Input clock 3
Basic Interval Timer
source
clock
8-bit up-counter
BTS[2:0]
BTCL
÷8
÷1024
÷512
÷256
÷128
÷64
÷32
÷16
To Watchdog timer (WDTR)
CKCTLR
clear
overflow
Internal bus line
clock control register
[0C7H]
IFBIT
Read
BITR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com