Electronic Components Datasheet Search
  English  ▼

X  

HMS87C1202A Datasheet(PDF) 46 Page - Hynix Semiconductor

Part # HMS87C1202A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A Datasheet(HTML) 46 Page - Hynix Semiconductor

Back Button HMS87C1202A Datasheet HTML 42Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 43Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 44Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 45Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 46Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 47Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 48Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 49Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 50Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
43
These timers have each 8-bit count register and data regis-
ter. The count register is increased by every internal or ex-
ternal clock input. The internal clock has a prescaler divide
ratio option of 2, 4, 8, 32,128, 512, 2048 (selected by con-
trol bits T0CK2, T0CK1 and T0CK0 of register TM0) and
1, 2, 8 (selected by control bits T1CK1 and T1CK0 of reg-
ister TM1). In the Timer 0, timer register T0 increases
from 00H until it matches TDR0 and then reset to 00H. The
match output of Timer 0 generates Timer 0 interrupt
(latched in T0F bit). As TDRx and Tx register are in same
address, when reading it as a Tx, written to TDRx.
In counter function, the counter is increased every 0-to 1
(rising edge) transition of EC0 pin. In order to use counter
function, the bit RA0 of the RA Direction Register RAIO
is set to “0”. The Timer 0 can be used as a counter by pin
EC0 input, but Timer 1 can not.
Figure 12-3 Counting Example of Timer Data Registers
Figure 12-4 Timer Count Operation
Timer 1 (T1IF)
Interrupt
TDR1
TIME
Occur interrupt
Occur interrupt
Occur interrupt
Interrupt period
0
1
2
3
4
5
6
7
8
9
n
n-1
PCP
= PCP x (n+1)
Timer 1 (T1IF)
Interrupt
TDR1
TIME
Occur interrupt
Occur interrupt
stop
clear & start
disable
enable
Start & Stop
T1ST
T1CN
Control count
T1ST = 0
T1ST = 1
T1CN = 0
T1CN = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com