Electronic Components Datasheet Search
  English  ▼

X  

GA040TH65 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # GA040TH65
Description  Silicon Carbide Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GA040TH65 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GA040TH65 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GA040TH65 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GA040TH65 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
November 2010
Preliminary Datasheet
http://www.genesicsemi.com
Page 1 of 3
GA040TH65
Silicon Carbide Thyristor
=
6500 V
=
40 A
=
Features
Package
Applications
Maximum Ratings
Parameter
Symbol
Conditions
Values
Unit
Repetitive peak forward voltage
6500
V
Repetitive peak reverse voltage
50
V
Maximum average on-state current
40
A
RMS on-state current
69
A
Non-repetitive peak on-state current
tbd
A
Power dissipation
595
W
Operating and storage temperature
-55 to 150
°C
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Maximum peak on state voltage
-4.30
V
-3.90
Anode-cathode threshold voltage
-3.1(-2.8)
V
Anode-cathode slope resistance
20(21)
mΩ
Leakage current
15
µA
30
Gate trigger current
-30
mA
Holding current
780
mA
Rise time
200
ns
Delay time
40
ns
Reverse recovery charge
1.8
Recovered charge, 50% chord
0.6
Reverse recovery current
11
A
Circuit commutated turn-off time
4.7
Thermal Characteristics
Thermal resistance, junction - case
0.21
°C/W
Mechanical Properties
Mounting torque for base
Heat sink surface must be optically flat
1.5
Nm
Mounting torque for top
1.3
Nm
Weight
30
g
V
FBM
I
T(AVM)
Q
rr
1.8 µC
• 6500 V Asymmetric SiC NPNP Thyristor
• 150 °C operating temperature
• Robust compact fully soldered package
• SOT-227 (ISOTOP) base plate form factor
• Fast turn on characteristics
• Lowest in class Q
rr/IT(AVM)
• Grid Tied Solar Inverters
• Wind Power Inverters
• HVDC Power Conversion
• Utility Scale Power Conversion
• Trigger Circuits/Ignition Circuits
V
FBM
T
j = 25 °C
V
RBM
T
j = 25 °C
I
T(AVM)
T
C ≤ 120 °C
I
T(RMS)
T
C ≤ 120 °C
I
T,max
T
C= 25 °C, tp = 2 us, D = 0.1
P
tot
T
C= 25 °C
T
j, Tstg
V
KA(ON)
I
K = -40 A, Tj = 25 °C
I
K = -40 A, Tj = 150 °C
V
KA(TO)
T
j = 25 °C (150 °C)
R
AK
T
j = 25 °C (150 °C), IK = -40 A
I
L
V
KA = -6500 V, VGA = 0 V, Tj = 25 °C
V
KA = -6500 V, VGA = 0 V, Tj = 150 °C
I
GT
T
j = 25 °C, tP = 10 µs
I
H
T
j = 25 °C
t
R
I
G = -3 A, VKA = -2500 V
t
D
I
K = -40 A, Tj = 25 °C
Q
rr
µC
Q
ra
dI/dt = 270 A/us, I
K = -40 A, VKA = 20 V
µC
I
rm
dV/dt(re-app) = -500 V/us, T
j = 25 °C
t
q
µs
R
thJC
M
b
M
t
W
t
1. Considering worst case Z
th conditions
http://www.genesicsemi.com/index.php/sic-products/thyristors


Similar Part No. - GA040TH65

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA040TH65-CAU GENESIC-GA040TH65-CAU Datasheet
266Kb / 3P
Silicon Carbide Thyristor
More results

Similar Description - GA040TH65

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA040TH65-CAU GENESIC-GA040TH65-CAU Datasheet
266Kb / 3P
Silicon Carbide Thyristor
GA060TH65-CAU GENESIC-GA060TH65-CAU Datasheet
259Kb / 3P
Silicon Carbide Thyristor
GA080TH65-CAU GENESIC-GA080TH65-CAU Datasheet
236Kb / 3P
Silicon Carbide Thyristor
GA060TH65-227SP GENESIC-GA060TH65-227SP Datasheet
339Kb / 3P
Silicon Carbide Thyristor
GA080TH65-227SP GENESIC-GA080TH65-227SP Datasheet
313Kb / 3P
Silicon Carbide Thyristor
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com