Electronic Components Datasheet Search
  English  ▼

X  

AV9107C Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # AV9107C
Description  CPU Frequency Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9107C Datasheet(HTML) 4 Page - Integrated Circuit Systems

  AV9107C Datasheet HTML 1Page - Integrated Circuit Systems AV9107C Datasheet HTML 2Page - Integrated Circuit Systems AV9107C Datasheet HTML 3Page - Integrated Circuit Systems AV9107C Datasheet HTML 4Page - Integrated Circuit Systems AV9107C Datasheet HTML 5Page - Integrated Circuit Systems AV9107C Datasheet HTML 6Page - Integrated Circuit Systems AV9107C Datasheet HTML 7Page - Integrated Circuit Systems AV9107C Datasheet HTML 8Page - Integrated Circuit Systems AV9107C Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
AV9107C
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
-05/-10
-03
-11
1
14
14
FS0
Input
Frequency Select 0 for CLK1 (-03 and -11 have pull-ups).
5
1
1
FS1
Input
Frequency Select 1 for CLK1 (-03 and -11 have pull-ups).
2
2
FS2
Input
Frequency Select 2 for CLK1 (-03 and -11 have pull-ups).
3
3
FS3
Input
Frequency Select 3 for CLK1 (-03 and -11 have pull-ups).
4
4
AGND
-
Analog GROUND.
2
5
5
GND
-
Digital GROUND.
6
PD
Input
POWER-DOWN. Shuts off chip when low. Internal pull-up.
6
SLOW CLOCK
Input
SLOW CLOCK input. Forces CLK1 to 8 MHz (regardless of
FS condition). Has internal pull-up.
3
7
7
X1/ICLK
Input
CRYSTAL OUTPUT or INPUT CLOCK frequency. Typically
14.318 MHz system clock. This input includes load
capacitance and feedback bias for a crystal.
4
8
8
X2
Output
CRYSTAL OUTPUT (No Connect when clock used.) This
input includes XTAL load capacitance.
9
9
OE(REFCLK)
Input
OUTPUT ENABLE. Tristates REFCLK when low. Has
internal pull-up.
10
10
OE(CLK1)
Input
OUTPUT ENABLE. Tristates CLK1 when low. Has internal
pull-up.
6
11
11
CLK1
Output
CLOCK1 Output (see decoding tables).
7
12
12
VDD
-
Digital power supply.
8
13
13
REFCLK
Output
REFERENCE CLOCK output. Produces a buffered version of
the input clock or crystal frequency (typically 14.318 MHz).
Pin Descriptions for AV9107C-03, AV9107C-05, AV9107C-10 and AV9107C-11



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com