Electronic Components Datasheet Search
  English  ▼

X  

AV9154A Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # AV9154A
Description  Low-Cost 16-Pin Frequency Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9154A Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button AV9154A Datasheet HTML 2Page - Integrated Circuit Systems AV9154A Datasheet HTML 3Page - Integrated Circuit Systems AV9154A Datasheet HTML 4Page - Integrated Circuit Systems AV9154A Datasheet HTML 5Page - Integrated Circuit Systems AV9154A Datasheet HTML 6Page - Integrated Circuit Systems AV9154A Datasheet HTML 7Page - Integrated Circuit Systems AV9154A Datasheet HTML 8Page - Integrated Circuit Systems AV9154A Datasheet HTML 9Page - Integrated Circuit Systems AV9154A Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
AV9154A
Absolute Maximum Ratings
VDD referenced to GND ........................................................................... 7.0 V
Voltage on I/O pins referenced to GND ..... GND - 0.5 V to VDD + 0.5 V
Operating Temperature under bias .............................................. 0 to +70 ºC
Power Dissipation ................................................................................... 0.5 W
Storage Temperature ............................................................... -40 to +150 ºC
Stresses above those listed underAbsolute Maximum Ratings may cause permanent damage to the device. These ratings are stess
specifications only and functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
product reliability.
VDD = 3.3 V ± 10%, TA = 0 - 70
oC unless otherwise stated
Electrical Characteristics at 3.3 V
Notes:
1. Parameter is guaranteed by design and characterization.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.2 VDD
V
Input High Voltage
VIH
0.7 V
-
-
V
Input Low Current
IIL
VIN = 0V (pull-up pin)
-
2.5
7.0
A
Input High Current
IIH
V
IN = VDD
-5.0
-
5.0
A
Output Low Voltage
VOL
IOL = 6mA
-
0.05 VDD
0.1 VDD
V
Output High Voltage
1
VOH
IOH = -4mA
0.85 VDD
0.94 VDD
-
V
Output Low Current1
IOL
VOL = 0.2VDD
15.0
24
-
mA
Output High Current1
IOH
VOH = 0.7VDD
-
-13
-8.0
mA
Supply Current
IDD
unloaded, 60 MHz
-
16
34
mA
Outp u t Frequ ency
Change over Supply
and Temperature1
FD
With respect to typical frequency
-
0.002
0.01
%
Short circuit current1
ISC
each output clock
20
30
-
mA
Input Capacitance1
CI
except X1, X2
-
-
10
pF
Load Capacitance
1
CL
pins X1, X2
-
20
-
pF
Pull-up Resistor
1
Rpu
at VDD - 0.5V
-
620
900
k ohm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com