Electronic Components Datasheet Search
  English  ▼

X  

ICS1523 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1523
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1523 Datasheet HTML 4Page - Integrated Circuit Systems ICS1523 Datasheet HTML 5Page - Integrated Circuit Systems ICS1523 Datasheet HTML 6Page - Integrated Circuit Systems ICS1523 Datasheet HTML 7Page - Integrated Circuit Systems ICS1523 Datasheet HTML 8Page - Integrated Circuit Systems ICS1523 Datasheet HTML 9Page - Integrated Circuit Systems ICS1523 Datasheet HTML 10Page - Integrated Circuit Systems ICS1523 Datasheet HTML 11Page - Integrated Circuit Systems ICS1523 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS 1523 Y
8
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
ICS1523
Section 5 Register Set Details
Register Conventions
0xY:Z = Register Index Y(hex), bit Z
0xY:Z~Q = Register Index Y(hex), bit Z to Q
Note 3- COAST - Charge Pump Enable/Disable
The COAST input can be used to disable the charge
pump during the vertical blanking interval if the input
HSYNC input changes frequency during this time. The
charge pump is asynchronously disabled and
synchronously re-enabled on the second input HSYNC
after the disable signal goes invalid. This pin can be
connected to VSYNC or pulled to either rail if unused.
Note 4 - LOCK/REF Function
Note 5- CLK Output Divider
SSTL_3 CLK Freq. = Output Freq. / CLK Divider
Note 6 - ICP - Charge Pump Current
Increasing the charge pump current makes the loop
respond faster, raising the loop bandwidth. The typical
value when using the internal loop filter is 011.
Note 7 - VCO Divider
This is used to keep the VCO running at faster speeds
even when the output frequency is low.
VCO speed = Output Frequency * VCO Scaler
Note 8 - DPA Offset Ranges
Using the DPA above 160 MHz is not recommended.
Set DPA_OS = 0 for speeds in excess of 160 MHz to
bypass the DPA.
CP_Pol
CPen
0x0:1~0
Charge Pump Enabled If...
0 0
COAST (Pin 5) = 1
x 1
Always Enabled (Default)
1 0
COAST (Pin 5) = 0
EnPLS
-
IN_SEL
0x0
bit 7~6
0x7bit 7 LOCK/REF Output
0 0
-
0
0 1
-
PLL locked = 1 else 0
1 0
-
RESERVED
1 1
0
Post Schmitt trigger
HSYNC (pin 7) XOR
REF_Pol (0x0:2)
1 1
1
FOSC / (OSC _DIV +2)
0x6 bit 7,6
CLK Divider
0 0
1 (default)
0 1
2
1 0
4
1 1
8
0x1
Bit 2~0
Charge Pump Current (
µA)
0 0 0
1
0 0 1
2
0 1 0
4
0 1 1
8 (Typical Internal Filter Value)
1 0 0
16
1 0 1
32
1 1 0
64
1 1 1
Reserved
0x1:bit 5,4
VCO Divider
0 0
2 (default)
0 1
4
1 0
8
1 1
16
0x5
bit 1-0
# of DPA Delay
Elements (d)
0x4
bit 5-0
Max. (h)
Clock Range (MHz)
Min
Max
0 0
16
0F
48
160
0 1
32
1F
24
80
1 0
Reserved
1 1
64
3F
12
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com