Electronic Components Datasheet Search
  English  ▼

X  

ICS1567 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1567
Description  Differential Output Video Dot Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1567 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1567 Datasheet HTML 3Page - Integrated Circuit Systems ICS1567 Datasheet HTML 4Page - Integrated Circuit Systems ICS1567 Datasheet HTML 5Page - Integrated Circuit Systems ICS1567 Datasheet HTML 6Page - Integrated Circuit Systems ICS1567 Datasheet HTML 7Page - Integrated Circuit Systems ICS1567 Datasheet HTML 8Page - Integrated Circuit Systems ICS1567 Datasheet HTML 9Page - Integrated Circuit Systems ICS1567 Datasheet HTML 10Page - Integrated Circuit Systems ICS1567 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DC Characteristics
PARAMETER
SYMBOL
MIN
MAX
UNITS
CONDITIONS
Input High Voltage
VIH
2.0
VDD + 0.5
V
Input Low Voltage
VIL
VSS -0.5
0.8
V
Input High Current
IIH
10
uA
VIN = VDD
Input Low Current
IIL
-200
uA
VIN = VSS
LOAD OUTPUT
Output High Voltage
VOH
2.4
V
IOH = -4.0 mA
Output Low Voltage
VOL
0.4
V
IOL = 6.0 mA
CLOCK OUTPUTS
Differential Output Voltage
(CLK-CLK)
VOD
1.2
V
See Figure 4
XTAL1 INPUT
Input High Voltage
VXH
3.75
VDD + 0.5
V
Input Low Voltage
VXL
VSS -0.5
1.25
V
Operating Current
IDD
50
mA
Outputs Unloaded
Input Pin Capacitance
CIN
8pF
FC = 1 MHz
Output Pin Capacitance
COUT
12
pF
FC = 1 MHz
ICS1567
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com