Electronic Components Datasheet Search
  English  ▼

X  

940906 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 940906
Description  5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

940906 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  940906 Datasheet HTML 1Page - Molex Electronics Ltd. 940906 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 01/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39940-0306
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Beau™ EuroMate™ Pluggable PCB Terminal Block, Dual Level, 270°
Wire Entry, 6 Circuits
Documents:
3D Model
Product Specification PS-39940-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39940
Application
N/A
Comments
Gold plating available
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
EuroMate™Pluggable
Type
Euro Block
UPC
800756372389
Physical
Circuits (Loaded)
6
Color - Resin
Black
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Material - Resin
Nylon
Net Weight
21.337/g
Number of Rows
2
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
130°C
Termination Interface: Style
Screw or Lug
Wire Size AWG
12, 14, 16, 18, 20, 22
Wire Size mm²
0.50 - 2.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
940906
Reference - Drawing Numbers
Product Specification
PS-39940-001
Sales Drawing
SD-39940-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39940Series
Mates With
39531-0006 , 39531-1006 , 39532-0006 ,
39532-1006


Similar Part No. - 940906

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
940906 MOLEX5-940906 Datasheet
285Kb / 3P
5.08mm (.200") Pitch Beau??EuroMate??Pluggable PCB Terminal Block, Dual Level, 270째 Wire Entry, 6 Circuits
logo
List of Unclassifed Man...
94090602500 ETC2-94090602500 Datasheet
98Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
94090602500 ETC2-94090602500 Datasheet
100Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
9409060U1000 ETC2-9409060U1000 Datasheet
98Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
9409060U1000 ETC2-9409060U1000 Datasheet
100Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
More results

Similar Description - 940906

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39940-0205 MOLEX11-39940-0205 Datasheet
43Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0209 MOLEX11-39940-0209 Datasheet
43Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0213 MOLEX11-39940-0213 Datasheet
43Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0319 MOLEX11-39940-0319 Datasheet
43Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0411 MOLEX11-39940-0411 Datasheet
43Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0412 MOLEX11-39940-0412 Datasheet
43Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0416 MOLEX11-39940-0416 Datasheet
43Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0420 MOLEX11-39940-0420 Datasheet
43Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39940-0718 MOLEX11-39940-0718 Datasheet
43Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39941-0724 MOLEX11-39941-0724 Datasheet
45Kb / 2P
5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com