Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM81 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT90PWM81
Description  Data and non-volatile program memory
PDF  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM81 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT90PWM81 Datasheet HTML 30Page - ATMEL Corporation AT90PWM81 Datasheet HTML 31Page - ATMEL Corporation AT90PWM81 Datasheet HTML 32Page - ATMEL Corporation AT90PWM81 Datasheet HTML 33Page - ATMEL Corporation AT90PWM81 Datasheet HTML 34Page - ATMEL Corporation AT90PWM81 Datasheet HTML 35Page - ATMEL Corporation AT90PWM81 Datasheet HTML 36Page - ATMEL Corporation AT90PWM81 Datasheet HTML 37Page - ATMEL Corporation AT90PWM81 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 327 page
background image
34
7734Q–AVR–02/12
AT90PWM81/161
The PLL is locked on the source oscillator which must remains close to 8MHz to assure proper
lock of the PLL.
Both internal RC Oscillator and PLL are switched off in Power-down and Standby sleep modes
Figure 5-4.
PCK clocking system.
5.2.7
Clock Output Buffer
The device can output the system clock on the CLKO pin. To enable the output, the CKOUT
Fuse or COUT bit of CLKSELR register has to be programmed. This mode is suitable when the
chip clock is used to drive other circuits on the system. Note that the clock will not be output dur-
ing reset and the normal operation of I/O pin will be overridden when the fuses are programmed.
Any clock source can be selected when the clock is output on CLKO. If the System Clock Pres-
caler is used, it is the divided system clock that is output.
Table 5-9.
Start-up times when the PLL is selected as system clock.
CKSEL3..0
SUT1..0
Start-up time from power-
down
Additional delay from reset
(V
CC = 5.0V)
Clock source
0100
00
1K CK
14CK
External crystal or
resonator
01
1K CK
14CK + 4ms
10
1K CK
14CK + 64ms
11
16K CK
14CK
0101
00
16K CK
14CK
External clock
01
16K CK
14CK + 4ms
10
16K CK
14CK + 4ms
11
16K CK
14CK + 64ms
0001
00
1K CK
14CK
Internal RC oscillator
01
1K CK
14CK + 4ms
10
1K CK
14CK + 64ms
RCOSCILLATOR
OSCCAL
XTAL1
XTAL2
OSCILLATORS
CK
PLLE
Lock
Detector
PLOCK
SOURCE
DIVIDE
BY4
CLK
PLL
CKSEL3..0
8MHz
PLL
*N
PLLF3..0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com