Electronic Components Datasheet Search
  English  ▼

X  

MA435T Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MA435T
Description  MA430 Series 400A MA430 Series 400A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MA435T Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MA435T Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
MA430 Series 400A
Clamp Meters + NCV
Compact size allows
measurements in tight
locations and Built-in
non-contact Voltage
detector with LED alert.
Three models to choose
from with True RMS
option and advanced
multimeter functions.
Features
Built-in non-contact Voltage detector with LED alert
Backlit LCD display
1.2" (30mm) jaw size for conductors up to 350MCM
True RMS models for MA430T/MA435T and multimeter
functions included on all clamp meters
CAT III - 600V rating
Data Hold
Low battery indication and Auto Power Off
Complete with test leads, general purpose Type K
bead wire temperature probe (for MA435T),
9V battery, and soft case
Specifications
MA430 / MA430T
MA435T
Basic Accuracy
Display counts
2000
4000
True RMS
— / Yes
Yes
AC Current (max res.)
400A (0.001A)
400A (0.01A)
±(2.5% + 8d)
DC Current (max res.)
400A (0.01A)
±(2.5% + 5d)
AC Voltage (max res.)
600V (0.1mV)
600V (0.1mV)
±(1.5% + 5d)
DC Voltage (max res.)
600V (0.1mV)
600V (0.1mV)
±(1.5% + 2d)
Resistance (max res.)
20MΩ (0.1Ω)
40MΩ (0.1Ω)
±(1.5% + 2d)
Frequency (max res.)
10Hz to 10kHz
±(1.5% + 2d)
Capacitance (max res.)
100µF (0.01nF)
±(3.0% + 5d)
Temperature (max res.)
-4 to 1400°F/-20 to 760°C (0.1°)
±(3% + 9°F/5°C)
Diode/ Continuity
Yes
Yes
Dimensions/ Weight
7.8x2.8x1.6" (197x70x40mm)/ 6.5oz (183g)
Ordering
MA430 .............. 400A AC Clamp Meter + NCV
MA430T ............ 400A True RMS AC Clamp Meter + NCV
MA435T ............ 400A True RMS AC/DC Clamp Meter + NCV
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 10/10/13


Similar Part No. - MA435T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA43543 MACOM-MA43543 Datasheet
77Kb / 4P
Step Recovery Diodes
MA43543 MACOM-MA43543 Datasheet
444Kb / 5P
Silicon Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA43543 MA-COM-MA43543 Datasheet
326Kb / 5P
Silicon Step Recovery Diodes
logo
Tyco Electronics
MA43592 MACOM-MA43592 Datasheet
77Kb / 4P
Step Recovery Diodes
MA43592 MACOM-MA43592 Datasheet
444Kb / 5P
Silicon Step Recovery Diodes
More results

Similar Description - MA435T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF400U26 ETC1-SF400U26 Datasheet
109Kb / 1P
1600V 400A
logo
Nihon Inter Electronics...
PCHMB400B12 NIEC-PCHMB400B12_1 Datasheet
200Kb / 3P
400A 1200V
PCHMB400B12A NIEC-PCHMB400B12A_1 Datasheet
200Kb / 3P
400A 1200V
PHMB400B12 NIEC-PHMB400B12_1 Datasheet
191Kb / 3P
400A 1200V
PRHMB400A6 NIEC-PRHMB400A6_1 Datasheet
127Kb / 3P
400A 600V
PRHMB400B12 NIEC-PRHMB400B12_1 Datasheet
200Kb / 3P
400A 1200V
logo
Extech Instruments Corp...
MA430 EXTECH-MA430 Datasheet
364Kb / 1P
MA430 Series 400A Clamp Meters NCV
MA430T EXTECH-MA430T Datasheet
364Kb / 1P
MA430 Series 400A Clamp Meters NCV
logo
National Instruments Co...
PCHMB400B12 NI-PCHMB400B12_15 Datasheet
200Kb / 3P
400A, 1200V
PCHMB400E6 NI-PCHMB400E6_15 Datasheet
254Kb / 4P
400A, 600V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com