Electronic Components Datasheet Search
  English  ▼

X  

ICS2572 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS2572
Description  User-Programmable Dual High-Performance Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2572 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS2572 Datasheet HTML 2Page - Integrated Circuit Systems ICS2572 Datasheet HTML 3Page - Integrated Circuit Systems ICS2572 Datasheet HTML 4Page - Integrated Circuit Systems ICS2572 Datasheet HTML 5Page - Integrated Circuit Systems ICS2572 Datasheet HTML 6Page - Integrated Circuit Systems ICS2572 Datasheet HTML 7Page - Integrated Circuit Systems ICS2572 Datasheet HTML 8Page - Integrated Circuit Systems ICS2572 Datasheet HTML 9Page - Integrated Circuit Systems ICS2572 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Absolute Maximum Ratings
Supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -.5V to +7V
Logic inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-.5V to VDD +.5V
Ambient operating temp . . . . . . . . . . . . . . . . . . . . . . . 0 to 70
°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -85 to + 150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TTL-Compatible Inputs
-
-
-
(FS0-3, MS0-1, STROBE):
-
-
-
Input High Voltage
Vih
2.0
-
VDD+0.5
V
Input Low Voltage
Vil
VSS-0.5
-
0.8
V
Input High Current
Iih
--
10
uA
Input Low Current
Iil
-
-
200
uA
Input Capacitance
Cin
--
8
pF
XTAL1:
-
-
-
Input High Voltage
Vxh
VDD*0.75
-
VDD+0.5
V
Input Low Voltage
Vxl
VSS-0.5
-
VDD*0.25
V
CLK+/CLK- Output
Sink Current
Isink
-
-
-
mA
High Voltage (Other
Outputs)
Voh
4
-
-
V
@Ioh=0.4mA
-
-
-
Low Voltage (Other
Outputs)
Vol
-
-
0.4
V
@Iol=8.0mA
-
-
-
ICS2572
E-101



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com