Electronic Components Datasheet Search
  English  ▼

X  

PLA194STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # PLA194STR
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA194STR Datasheet(HTML) 3 Page - IXYS Corporation

  PLA194STR Datasheet HTML 1Page - IXYS Corporation PLA194STR Datasheet HTML 2Page - IXYS Corporation PLA194STR Datasheet HTML 3Page - IXYS Corporation PLA194STR Datasheet HTML 4Page - IXYS Corporation PLA194STR Datasheet HTML 5Page - IXYS Corporation PLA194STR Datasheet HTML 6Page - IXYS Corporation PLA194STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
PLA194
www.ixysic.com
3
R02
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
LED Forward Voltage (V)
1.230
1.235
1.240
1.245
1.250
1.255
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.00
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=5mA, IL=130mA)
Turn-Off Time (ms)
0.34 0.37 0.40 0.43 0.46 0.49 0.52 0.55
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, I
F=5mA, IL=130mA)
LED Current (mA)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0
5
10
15
20
Typical I
F for Switch Operation
(N=50, I
L=130mA)
On Resistance ( )
25.50 25.75 26.00 26.25 26.50 26.75 27.00
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=130mA)
Blocking Voltage (V
P)
680
685
690
695
700
705
710
715
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
LED Current (mA)
0
1020
304050
0
1
2
3
4
5
Typical Turn-On Time
vs. LED Forward Current
(I
L=70mA)
LED Current (mA)
0
1020
304050
0.45
0.47
0.49
0.51
0.53
0.55
Typical Turn-Off Time
vs. LED Forward Current
(I
L=70mA)
LED Forward Voltage (V)
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Typical I
F for Switch Operation
vs. Temperature
(I
L=70mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On Time
vs. Temperature
(I
L=70mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
200
300
400
500
600
700
800
900
Typical Turn-Off Time
vs. Temperature
(I
L=70mA)
I
F=2mA
I
F=5mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com