Electronic Components Datasheet Search
  English  ▼

X  

IA82527 Datasheet(PDF) 21 Page - InnovASIC, Inc

Part # IA82527
Description  Serial Communications Controller - CAN Protocol
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527 Datasheet(HTML) 21 Page - InnovASIC, Inc

Back Button IA82527 Datasheet HTML 17Page - InnovASIC, Inc IA82527 Datasheet HTML 18Page - InnovASIC, Inc IA82527 Datasheet HTML 19Page - InnovASIC, Inc IA82527 Datasheet HTML 20Page - InnovASIC, Inc IA82527 Datasheet HTML 21Page - InnovASIC, Inc IA82527 Datasheet HTML 22Page - InnovASIC, Inc IA82527 Datasheet HTML 23Page - InnovASIC, Inc IA82527 Datasheet HTML 24Page - InnovASIC, Inc IA82527 Datasheet HTML 25Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
IA82527
Data Sheet
CAN Serial Communications Controller
September 16, 2009
IA211080504-06
http://www.Innovasic.com
Customer Support:
Page 21 of 58
(888) 824-4184
Table 3. Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
PQFP
p2.0
p2.0
17
11
port 2, bit N (N = 7
–0). Input/Output. Port 2 bits p2.7–
p2.0, can be individually programmed as inputs or
outputs. Programming is accomplished by writing to
the P2CONF Register (AFH). The 8 bits of the
P2CONF Register, P2CONF7
–P2CONF0, correspond
directly to pins p2.7
–p2.0. Writing a 0 to a bit in the
P2CONF Register causes the corresponding pin to be
configured as a high-impedance input. Writing a 1 to a
bit in the P2CONF Register causes the corresponding
pin to be configured as a push-pull output. All Port 2
pins have weak pull-ups until the port is configured by
writing to the P2CONF Register. The default value of
the P1CONF Register following a reset is 00H.
Data is read from Port 2 via the P2IN Register (CFH).
A logic 0 for any bit in this register means that a logic 0
was read from the corresponding pin; a logic 1 for any
bit means that a logic 1 was read from the
corresponding pin. The default value of the P2IN
Register following a reset is FFH.
Data is written to Port 2 via the P2OUT Register
(EFH). Writing a logic 0 to any bit in this register
means that a logic 0 is written to the corresponding
pin; writing a logic 1 to any bit means that a logic 1 is
written to the corresponding pin. The default value of
the P2OUT Register following a reset is 00H.
Two bits of Port 2 (P2.7 and P2.6) have alternate
functions based on CPU interface mode.
See Section 4.1.3 I/O Ports.
p2.1
p2.1
16
10
p2.2
p2.2
15
9
p2.3
p2.3
14
8
p2.4
p2.4
13
7
p2.5
p2.5
12
6
p2.6
int_n/p2.6
11
5
p2.7
wrh_n/p2.7
10
4
rd_n
rd_n/e
6
44
read. Input. Active Low. Mode 0 and Mode 1. When
rd_n is asserted (low), it causes the IA82527 to drive
the data from the location being read onto the data
bus.
ready
ready/miso
28
22
ready. Output (open drain). Active High. Mode 0 and
Mode 1. When ready is asserted (high), it signals the
completion of a bus cycle. The ready output is
provided to force system CPU wait states as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com