Electronic Components Datasheet Search
  English  ▼

X  

ICS525-01 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS525-01
Description  OSCaR??User Configurable Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01 Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS525-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ICS525-01/02
OSCaR™ User Configurable Clock
MDS 525-01/02 I
8
Revision 071100
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street •San Jose• CA • 95126•(408) 295-9800tel• www.icst.com
Part/Order Number
Marking
Package
Temperature
ICS525-01R
525-01R
28 pin narrow SSOP
0 to 70 °C
ICS525-01RT
525-01R
28 pin SSOP on tape and reel
0 to 70 °C
ICS525-01RI
525-01RI
28 pin narrow SSOP
-40 to +85 °C
ICS525-01RIT
525-01RI
28 pin SSOP on tape and reel
-40 to +85 °C
ICS525R-02I
ICS525R-02I
28 pin narrow SSOP
-40 to +85 °C
ICS525R-02IT
ICS525R-02I
28 pin SSOP on tape and reel
-40 to +85 °C
Ordering Information
OSCaR is a trademark of Integrated Circuit Systems
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc. (ICS) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements
are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any
ICS product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
b
D
E1
E
e
A1
c
A
L
INDEX
AREA
12
28 pin SSOP
Inchees
Millim
meters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
b
0.008
0.012
0.20
0.30
c
0.007
0.010
0.18
0.25
D
0.337
0.344
8.55
8.75
e
.025 BSSC
0.635 B
BSC
E
0.228
0.244
5.80
6.20
E1
0.150
0.157
3.80
4.00
L
0.016
0.050
0.40
1.27



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com