Electronic Components Datasheet Search
  English  ▼

X  

PRC15 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # PRC15
Description  PRC10 & 15 Current & Voltage Calibrators/Meters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

PRC15 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  PRC15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRC10 & 15 Current & Voltage
Calibrators/Meters
Precision “source” for
calibrating process devices.
Applications include:
• Process devices calibration
and simulation
- Transducers
- Transmitters
- Indicators
- Controllers
- Recorders
• Field test and service
• Bench research/development
Common Features
•
Palm-sized double molded housing and
large dot-matrix digital backlit LCD
•
Measures DC process signals
•
Standard banana I/O ports
•
Large battery bank for extended work cycle
•
Up to five user adjustable calibration presets
•
External power adapter for continuous work cycle
•
Model PRC10 Additional Features
- 0 to 24mA (-25 to 125%)
- 24V DC power source for 2-wire current loop
•
Model PRC15 Additional Features
- 0 to 24mA (-25 to 125%)
- 0 to 20V DC calibration source
Specifications
Range
Source
Output 0 to 24mA current for loads up to 1000 ohms (-25% to 125%); Output 0 to 20V (PRC15 only)
Measure
0 to 50mA current signal (-25 to 230%); 0 to 19.99V (PRC15 only)
Power/Measure
Provides power (24VDC) to loop & measures current (PRC10 only)
Input/Output
Ranges and Displays
Resolution
0 to 19.99mA
0.01mA
0 to 24.0mA
0.1mA
0 to 1999mV
1mV
0 to 20.00V
10mV
Accuracy
0.01% ±1 digit
Meter Dims (LxWxH)
6.3" x 3.2" x 1.7" (159 x 80 x 44mm)
Meter Wt
8.2oz (232g) - not including battery weight
Ordering
PRC10 ................Current Calibrator/Meter
PRC10-NIST .......PRC10 with Certificate of Calibration Traceable to NIST
PRC15 ................Current & Voltage Calibrator/Meter
PRC15-NIST .......PRC15 with Certificate of Calibration Traceable to NIST
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 04/02/14
Each meter includes test
leads, alligator clips,
100V-240V AC Universal
Adaptor with 4 plugs, six
1.5V AA batteries, and
hard carrying case


Similar Part No. - PRC15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PRC15-1Q DBLECTRO-PRC15-1Q Datasheet
293Kb / 1P
88 짹 2dB S.P.L.60mv(IEC318)at 1KHZ 0dB=2x10-5Pa
More results

Similar Description - PRC15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407744 EXTECH-407744 Datasheet
173Kb / 4P
Sound Level Calibrators
PRC10 EXTECH-PRC10 Datasheet
110Kb / 1P
PRC10 & 15 Current & Voltage Calibrators/Meters
412300A EXTECH-412300A Datasheet
165Kb / 1P
Current & Voltage Calibrators/Meters
412355A EXTECH-412355A_15 Datasheet
165Kb / 1P
Current & Voltage Calibrators/Meters
407766 EXTECH-407766_15 Datasheet
193Kb / 1P
Sound Level Calibrators
logo
List of Unclassifed Man...
1620A ETC2-1620A Datasheet
565Kb / 1P
Continuously monitor voltage and current output on two analog meters
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM35H CARLOGAVAZZI-LDM35H Datasheet
291Kb / 7P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM30AV1 CARLOGAVAZZI-LDM30AV1 Datasheet
128Kb / 4P
Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDI35AV0 CARLOGAVAZZI-LDI35AV0 Datasheet
65Kb / 3P
Panel Meters and Controllers Current and Voltage Meter/Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com