Electronic Components Datasheet Search
  English  ▼

X  

PRT200 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # PRT200
Description  Non-Contact Phase Sequence Tester
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

PRT200 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  PRT200 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
07/20/11 - R1
Checks phase sequence and phase status
Tests up to 1000VAC with LED and audible indication
Non-Contact Phase Sequence Tester
Ordering Information:
PRT200 ........Non-Contact Phase Sequence Tester
Features:
• 75 to 1000VAC input voltage with 45 to 65Hz frequency range
• LEDs indicate phase orientation (clockwise or counter-clockwise)
and whether each phase is live
• Beeper sounds intermittently when correct phase is detected and
continuously if phase is reversed
• Durable housing with back cover magnet for attachment to an AC
distribution panel for easy measurement
• Adjustable Hi/Lo LED brightness switch for making measurements in
dimly lit areas or sunlight
• Fully insulated alligator clips with wide jaws
• Low battery warning
• CAT IV-600V safety rating
• Dimensions: 4.7 x 2.7 x 1.5" (118 x 69 x 38mm);
Weight: 13oz (370g)
• Complete with three built-in 30" test leads with large color-coded
alligator clips, four AA batteries, and pouch case


Similar Part No. - PRT200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRT2011CAE4A NXP-PRT2011CAE4A Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PRT2011CAE4A NXP-PRT2011CAE4A Datasheet
1Mb / 113P
i.MX RT1064 Crossover Processors for Industrial Products
PRT2011CAE5A NXP-PRT2011CAE5A Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PRT2011CAE5A NXP-PRT2011CAE5A Datasheet
1Mb / 113P
i.MX RT1064 Crossover Processors for Industrial Products
PRT2011CAF4A NXP-PRT2011CAF4A Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
More results

Similar Description - PRT200

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
480300 EXTECH-480300 Datasheet
121Kb / 2P
Phase Rotation Tester
480400 EXTECH-480400 Datasheet
131Kb / 6P
Phase Sequence Tester
480403 EXTECH-480403 Datasheet
161Kb / 7P
Phase Sequence and Motor Rotation Tester
logo
Omron Electronics LLC
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
Phase-sequence Phase-loss Relay
logo
Extech Instruments Corp...
480400 EXTECH-480400_15 Datasheet
150Kb / 1P
Phase Sequence Tester
logo
List of Unclassifed Man...
PRM-3 ETC2-PRM-3 Datasheet
444Kb / 1P
PRM-2 PRM-3 Phase Sequence & Motor Rotation Tester
logo
PHOENIX CONTACT
EMD-BL-PH-480 PHOENIX-EMD-BL-PH-480 Datasheet
141Kb / 6P
Phase sequence monitoring
EMD-SL-PH-400 PHOENIX-EMD-SL-PH-400 Datasheet
120Kb / 5P
Phase sequence monitoring
logo
Omron Electronics LLC
K8DS-PH1 OMRON-K8DS-PH1 Datasheet
1Mb / 12P
Phase-sequence Phase-loss Relay
logo
List of Unclassifed Man...
NCVT1XT ETC-NCVT1XT Datasheet
2Mb / 1P
NON-CONTACT VOLTAGE TESTER
Rev. 12/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com