Electronic Components Datasheet Search
  English  ▼

X  

ICS552-02 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS552-02
Description  LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552-02 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS552-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS552-02 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK
MDS 552-02 B
6
Revision 050401
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
PRE L IMINA R Y INF O RMA T IO N
ICS552-02
Package Outline and Package Dimensions (16 pin TSSOP, 173 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
Part / Order Number
Marking(both)
Shipping
packaging
Package
Temperature
ICS552G-02
ICS (top line)
Tubes
16 pin TSSOP
0 to +70
° C
ICS552G-02T
552G-02 (2nd line)
Tape and Reel
16 pin TSSOP
0 to +70
° C
D
E
H
b
e
a
Pin 1
Index
Area
c
A
L
Millimeters
Inches
Symbol
MinMax
MinMax
A
--
1.20
--
0.047
a
0.05
0.15
0.002
0.006
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.0035
0.008
D
4.90
5.10
0.193
0.201
E
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
H
6.40 Basic
0.252 Basic
L
0.45
0.75
0.018
0.030



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com