Electronic Components Datasheet Search
  English  ▼

X  

3B34 Datasheet(PDF) 4 Page - Analog Devices

Part # 3B34
Description  Isolated, Linearized RTD Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B34 Datasheet(HTML) 4 Page - Analog Devices

  3B34 Datasheet HTML 1Page - Analog Devices 3B34 Datasheet HTML 2Page - Analog Devices 3B34 Datasheet HTML 3Page - Analog Devices 3B34 Datasheet HTML 4Page - Analog Devices 3B34 Datasheet HTML 5Page - Analog Devices 3B34 Datasheet HTML 6Page - Analog Devices 3B34 Datasheet HTML 7Page - Analog Devices 3B34 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3B34
Rev. 0 | Page 4 of 8
Voltage Output
Zero
±0.02°C/°C
Span
±25 ppm of Reading/°C
Current Output4
Zero
±25 ppm of Span/°C
Span
±25 ppm of Reading/°C
Zero and Span Adjustment Range5
±5% of Span
Input Bias Current
+3 nA
Input Resistance
15 M
Ω
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
0.2 µV rms
Output, 100 kHz Bandwidth
50 µV rms
Bandwidth, -3 dB
3 Hz
Output Rise Time, 10% to 90% Span
200 ms
Common-Mode Voltage (CMV)
Input-to-Output, Continuous
±1500 V peak, maximum
Transient
ANSI/IEEE C37.90.1-1989
Common Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
160 dB
Normal Mode Rejection, 50/60 Hz
60 dB
Sensor Excitation Current
100
ΩPt, 120 ΩNi
0.25 mA
10
ΩCu
1.0 mA
Lead Resistance Effect
100
ΩPt, 120 ΩNi
±0.02°C/
Ω
10
ΩCu
±0.2°C/
Ω
Input Protection (Includes Excitation Currents)
Continuous
220 V rms maximum
Transient
ANSI/IEEE C37.90.1-1989
Voltage Output Protection
Continuous Short to Ground
Current Output Protection
130 V rms, continuous
Power Supply Voltages 6
±15 V dc Supplies
Rated Operation
±(11.5 V dc to 16.5 V dc)
Current
±10 mA
Sensitivity
±0.01% span/V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com