Electronic Components Datasheet Search
  English  ▼

X  

ICS650-07C Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS650-07C
Description  Networking Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-07C Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS650-07C Datasheet HTML 1Page - Integrated Circuit Systems ICS650-07C Datasheet HTML 2Page - Integrated Circuit Systems ICS650-07C Datasheet HTML 3Page - Integrated Circuit Systems ICS650-07C Datasheet HTML 4Page - Integrated Circuit Systems ICS650-07C Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ICS650-07C
Networking Clock Source
MDS 650-07C A
5
Revision 101399
Printed 11/28/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc (ICS) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental
requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize
or warrant any ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
ICS650R-07
ICS650R-07
tubes
20 pin SSOP
0-70°C
ICS650R-07T
ICS650R-07
tape and reel
20 pin SSOP
0-70°C
ICS650R-07I
ICS650R-07I
tubes
20 pin SSOP
-40 to +85°C
ICS650R-07IT
ICS650R-07I
tape and reel
20 pin SSOP
-40 to +85°C
Note: The C on the data sheet (ICS650-07C) is not significant when ordering this chip.
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
b
D
E1
E
e
A1
c
A
L
INDEX
AREA
1
2
20 pin SSOP
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
b
0.008
0.012
0.20
0.30
c
0.007
0.010
0.19
0.25
D
0.337
0.344
8.56
8.74
e
.025 BSC
.025 BSC
0.635 BSC
0.635 BSC
E
0.228
0.244
5.79
6.20
E1
0.150
0.157
3.81
3.99
L
0.016
0.050
0.41
1.27



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com