Electronic Components Datasheet Search
  English  ▼

X  

ICS650-14B Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS650-14B
Description  Networking System Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-14B Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS650-14B Datasheet HTML 1Page - Integrated Circuit Systems ICS650-14B Datasheet HTML 2Page - Integrated Circuit Systems ICS650-14B Datasheet HTML 3Page - Integrated Circuit Systems ICS650-14B Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS650-14B
Networking System Clock
MDS 650-14B A
1
Revision 082800
Printed 11/15/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel• www.icst.com
PRELIMINARY INFORMATION
The ICS650-14B is a low cost, low jitter, high
performance clock synthesizer customized for
networking systems applications. Using analog
Phase-Locked Loop (PLL) techniques, the device
accepts a 25.0 MHz clock or fundamental mode
crystal input to produce multiple output clocks of
one fixed 25.0 MHz, a four (plus one) frequency
selectable bank, and two frequency selectable
clocks. All output clocks are frequency locked
together. The ICS650R-14B outputs
all have 0 ppm synthesis error.
Block Diagram
Description
Features
• Packaged in 20 pin (150 mil) SSOP (QSOP)
• 25.00 MHz fundamental crystal or clock input
• One fixed output clock of one 25.0 MHz
• One bank of four frequency selectable
output clocks
• Three frequency selectable clock outputs
• Zero ppm synthesis error in all clocks
• Ideal for networking systems
• Full CMOS output swing
• Advanced, low power, sub-micron CMOS process
• 3.0V to 5.5V operating voltage
• Industrial temperature range available
Clock
Buffer/
Crystal
Oscillator
VDD
GND
Clock Synthesis
and Control
Circuitry
25.00 MHz
crystal or clock
25.00 MHz
2
2
Output
Buffer
CLKA5
Output
Buffer
X1/ICLK
X2
CLKB
Output
Buffer
Optional crystal capacitors are shown and may be required for tuning of initial accuracy (determined once per board).
OE (All outputs)
Output
Buffer
CLKA 1:4
4
SELA 0:1
2
SELB 0:1
2
SELC
CLKC
Output
Buffer


Similar Part No. - ICS650-14B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-14 RENESAS-ICS650-14 Datasheet
367Kb / 8P
NETWORKING SYSTEM CLOCK
REV H 051310
More results

Similar Description - ICS650-14B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
ICS650-14 RENESAS-ICS650-14 Datasheet
367Kb / 8P
NETWORKING SYSTEM CLOCK
REV H 051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com