Electronic Components Datasheet Search
  English  ▼

X  

M1303 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M1303
Description  6mm HEX FEMALE STANDOFFS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M1303 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M1303 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6mm HEX FEMALE STANDOFFS
Order Code:
Finishes:
[How to create part numbers] [Material
Specifications]
SELECT PART NO. LENGTH
M1300
3
M1301
4
M1302
5
M1303
6
M1304
7
M1305
8
M1306
9
M1307
10
M1308
11
M1309
12
M1310
13
M1311
14
M1312
15
M1313
16
M1314
17
M1315
18
SELECT PART NO. LENGTH
M1316
19
M1317
20
M1318
21
M1319
22
M1320
23
M1321
24
M1322
25
M1323
28
M1324
31
M1325
34
M1326
37
M1327
40
M1328
43
M1329
46
M1330
49
M1331
52
Select
CODE
THREAD
3005
M3x0.5
3506
M3.5x0.6
4007
M4x0.7
Select CODE MATERIAL RoHS
A
ALUMINUM
NO
B
BRASS
YES
SS
STAINLESS
STEEL
YES
S
STEEL
YES
N
NYLON
YES
For thread depth information please click here
Ordering Code
mxxxx xxxx
xx
xx
|
|
|
|
|
Thread
|
Finish
Length
Material
For non standard items
please click here
© 1999 RAF Electronic Hardware All Rights Reserved
Seymour CT 06483 203 888-2133 Fax: 203 888-9860 www.rafhdwe.com
RAF Metric Electronic Hardware Online Catalog 203 888-2133
DATASHEET SEARCH SITE | WWW.ALLDATAS
Provided By ALLDATASHEET.COM(FREE DA
2-Cad Clear Chromate


Similar Part No. - M1303

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M1303-3005-SS RAF-M1303-3005-SS Datasheet
66Kb / 1P
6 MM HEX FEMALE STANDOFFS
More results

Similar Description - M1303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2149 ETC2-2149 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
RAF ELECTRONIC HARDWARE
2052-440-SS RAF-2052-440-SS Datasheet
73Kb / 1P
3/16 HEX FEMALE STANDOFFS
2053-440-B RAF-2053-440-B Datasheet
79Kb / 1P
3/16 HEX FEMALE STANDOFFS
2055-256-SS RAF-2055-256-SS Datasheet
97Kb / 1P
3/16 HEX FEMALE STANDOFFS
2056-440-SS RAF-2056-440-SS Datasheet
105Kb / 1P
3/16 HEX FEMALE STANDOFFS
2057-256-AL RAF-2057-256-AL Datasheet
128Kb / 1P
3/16 HEX FEMALE STANDOFFS
2057-440-SS RAF-2057-440-SS Datasheet
112Kb / 1P
3/16 HEX FEMALE STANDOFFS
2058-256-AL RAF-2058-256-AL Datasheet
131Kb / 1P
3/16 HEX FEMALE STANDOFFS
2059-256-AL RAF-2059-256-AL Datasheet
135Kb / 1P
3/16 HEX FEMALE STANDOFFS
2059-256-N RAF-2059-256-N Datasheet
135Kb / 1P
3/16 HEX FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com