Electronic Components Datasheet Search
  English  ▼

X  

ICS8344BY Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8344BY
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8344BY Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8344BY Datasheet HTML 2Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 3Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 4Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 5Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 6Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 7Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 8Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 9Page - Integrated Circuit Systems ICS8344BY Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
8344
www.icst.com
REV. B FEBRUARY 2, 2001
6
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8344
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
TABLE 4F. LVCMOS DC CHARACTERISTICS, VDDI = 3.3V±5%, VDDO = 2.5V±5%, TA = 0°C TO 70°C
TABLE 4E. DIFFERENTIAL DC CHARACTERISTICS, VDDI = 3.3V±5%, VDDO = 2.5V±5%, TA = 0°C TO 70°C
TABLE 4D. POWER SUPPLY DC CHARACTERISTICS, VDDI = 3.3V±5%, VDDO = 2.5V±5%, TA = 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
,
L
E
S
_
K
L
C
3
E
O
,
2
E
O
,
1
E
O
V
5
6
4
.
3
=
I
D
D
V2
8
.
3V
L
I
Ve
g
a
t
l
o
V
w
o
L
t
u
p
n
I
,
L
E
S
_
K
L
C
3
E
O
,
2
E
O
,
1
E
O
V
5
6
4
.
3
=
I
D
D
V3
.
0
-8
.V
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
3
E
O
,
2
E
O
,
1
E
OV
5
6
4
.
3
=
N
I
V
=
I
D
D
V5
A
µ
L
E
S
_
K
L
CV
5
6
4
.
3
=
N
I
V
=
I
D
D
V0
5
1A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
3
E
O
,
2
E
O
,
1
E
OV
0
=
N
I
V
,
5
6
4
.
3
=
I
D
D
V0
5
1
-A
µ
L
E
S
_
K
L
C0
=
N
I
V
,
5
6
4
.
3
=
I
D
D
V5
-A
µ
H
O
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
,
V
5
3
1
.
3
=
I
D
D
V
V
5
7
3
.
2
=
O
D
D
V
A
m
6
3
-
=
H
O
I
8
.
1V
L
O
Ve
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
,
V
5
3
1
.
3
=
I
D
D
V
V
5
6
3
.
2
=
O
D
D
V
A
m
7
2
=
L
O
I
3
6
.
0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
n
I
5
3
1
.
33
.
35
6
4
.
3V
O
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
It
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
V
5
6
4
.
3
=
H
I
V
=
I
D
D
V
V
0
=
L
I
V
0
2
1A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
1
K
L
C
n
,
0
K
L
C
n
5A
µ
1
K
L
C
,
0
K
L
C
0
5
1A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
1
K
L
C
n
,
0
K
L
C
n0
5
1
-A
µ
1
K
L
C
,
0
K
L
C5
-A
µ
.
e
l
b
a
t
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
n
i
R
M
C
V
d
n
a
P
P
V
e
e
s
,
s
l
e
v
e
l
t
u
p
n
i
x
K
L
C
n
,
x
K
L
C
r
o
F
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com