Electronic Components Datasheet Search
  English  ▼

X  

ICS8344I Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS8344I
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8344I Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS8344I Datasheet HTML 7Page - Integrated Circuit Systems ICS8344I Datasheet HTML 8Page - Integrated Circuit Systems ICS8344I Datasheet HTML 9Page - Integrated Circuit Systems ICS8344I Datasheet HTML 10Page - Integrated Circuit Systems ICS8344I Datasheet HTML 11Page - Integrated Circuit Systems ICS8344I Datasheet HTML 12Page - Integrated Circuit Systems ICS8344I Datasheet HTML 13Page - Integrated Circuit Systems ICS8344I Datasheet HTML 14Page - Integrated Circuit Systems ICS8344I Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
8344BYI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 9, 2001
11
Integrated
Circuit
Systems, Inc.
ICS8344I
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
FIGURE 3 - OUTPUT SKEW
Qx
Qy
tsk(o)
SCOPE
Qx
LVCMOS
V
DD = +2.05V
V
DDO = +1.25V
V
DD
GND = -1.25V
V
DDO
FIGURE 1C - 3.3V/2.5V OUTPUT LOAD TEST CIRCUIT
FIGURE 2 - DIFFERENTIAL INPUT LEVEL
V
CMR
Cross Points
V
PP
CLK0, CLK1
nCLK0, nCLK1
GND
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com