Electronic Components Datasheet Search
  English  ▼

X  

ICS83940AY Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83940AY
Description  LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940AY Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83940AY Datasheet HTML 1Page - Integrated Circuit Systems ICS83940AY Datasheet HTML 2Page - Integrated Circuit Systems ICS83940AY Datasheet HTML 3Page - Integrated Circuit Systems ICS83940AY Datasheet HTML 4Page - Integrated Circuit Systems ICS83940AY Datasheet HTML 5Page - Integrated Circuit Systems ICS83940AY Datasheet HTML 6Page - Integrated Circuit Systems ICS83940AY Datasheet HTML 7Page - Integrated Circuit Systems ICS83940AY Datasheet HTML 8Page - Integrated Circuit Systems ICS83940AY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
83940AY
www.icst.com/products/hiperclocks.html
REV. B JULY 31, 2001
1
Integrated
Circuit
Systems, Inc.
ICS83940
LOW SKEW, 1-TO-18
LVCMOS FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS83940 is a low skew, 1-to-18 Fanout
Buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions from
ICS. The low impedance LVCMOS out-
puts are designed to drive 50
Ω series or parallel
terminated transmission lines. The effective fanout can be in-
creased from 18 to 36 by utilizing the ability of the outputs to
drive two series terminated lines. The differential clock
input is designed to accept any differential input levels
including LVPECL.
The ICS83940 is characterized at full 3.3V, full 2.5V and mixed
3.3V input and 2.5V output operating supply modes. Guaran-
teed output and part-to-part skew characteristics make the
ICS83940 ideal for those clock distribution applications de-
manding well defined performance and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 18 LVCMOS outputs, 23Ω typical output impedance
• Output frequency up to 200MHz
• 150ps output skew
• Part to part skew: 850ps
• Selectable LVCMOS or differential clock input
• LVTTL / LVCMOS clock select input
• Full 3.3V, 2.5V or mixed 3.3V, 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
,&6
32-Lead LQFP
Y Pacakge
7mm x 7mm x 1.4mm package body
Top View
Q0
Q1 - Q16
Q17
CLK_SEL
CLK0
nCLK0
LVCMOS_CLK
0
1
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q6
Q7
Q8
VDDI
Q9
Q10
Q11
GND
GND
GND
LVCMOS_CLK
CLK_SEL
CLK
nCLK
VDDI
VDDO
ICS83940
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS83940AY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940AY-01 ICST-ICS83940AY-01 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940AY-01T ICST-ICS83940AY-01T Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940AY-02 ICST-ICS83940AY-02 Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
ICS83940AY-02T ICST-ICS83940AY-02T Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
More results

Similar Description - ICS83940AY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940D ICST-ICS83940D Datasheet
296Kb / 15P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. B JUNE 15, 2004
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
logo
Renesas Technology Corp
83940D RENESAS-83940D Datasheet
428Kb / 17P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
83918 RENESAS-83918 Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com