Electronic Components Datasheet Search
  English  ▼

X  

ICS8530-01 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8530-01
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8530-01 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8530-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ICS8530DY-01
www.icst.com/products/hiperclocks.html
REV. B AUGUST 8, 2001
6
Integrated
Circuit
Systems, Inc.
ICS8530-01
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
FIGURE 7 - odc & t
PERIOD
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
CLK, Qx
nCLK, nQx
FIGURE 6 - PROPAGATION DELAY
t
PD
CLK
nCLK
Q0 - Q15
nQ0 - nQ15
FIGURE 4 - PART-TO-PART SKEW
Qx
nQx
Qy
nQy
PART 1
PART 2
tsk(pp)
FIGURE 5 - INPUT AND OUTPUT RISE AND FALL TIME
Clock Inputs
and Outputs
20%
80%
20%
80%
t
R
t
F
V
SWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com