Electronic Components Datasheet Search
  English  ▼

X  

ICS85304-01 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS85304-01
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85304-01 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS85304-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS85304-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS85304-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS85304-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS85304-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS85304-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS85304-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS85304-01 Datasheet HTML 12Page - Integrated Circuit Systems ICS85304-01 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
85304AG-01
www.icst.com/products/hiperclocks.html
REV. B JULY 13, 2001
11
Integrated
Circuit
Systems, Inc.
ICS85304-01
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS85304-01 is: 489
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE
q
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards 114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13