Electronic Components Datasheet Search
  English  ▼

X  

ICS8532-01 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8532-01
Description  LOW SKEW, 1-TO-17 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8532-01 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8532-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 12Page - Integrated Circuit Systems ICS8532-01 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
8532AY-01
www.icst.com/products/hiperclocks.htlm
REV. B AUGUST 9, 2001
10
Integrated
Circuit
Systems, Inc.
ICS8532-01
LOW SKEW, 1-TO-17
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in
Figure 10.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CC
- 2V.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OH_MAX
)
Pd_L = [(V
OL_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OL_MAX
)
•
For logic high, V
OUT
= V
OH_MAX
= V
CC_MAX
– 1.0V
Using V
CC_MAX
= 3.465, this results in V
OH_MAX
= 2.465V
•
For logic low, V
OUT
= V
OL_MAX
= V
CC_MAX
– 1.7V
Using V
CC_MAX
= 3.465, this results in V
OL_MAX
= 1.765V
Pd_H = [(2.465V - (3.465V - 2V))/50
Ω] * (3.465V - 2.465V) = 20mW
Pd_L = [(1.765V - (3.465V - 2V))/50
Ω] * (3.465V - 1.765V) = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.2mW
Figure 10 - LVPECL Driver Circuit and Termination
Q1
V
OUT
V
CCO
RL
50
V
CCO - 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com