Electronic Components Datasheet Search
  English  ▼

X  

ICS8535-11 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS8535-11
Description  LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8535-11 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS8535-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 8Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 9Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 10Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 11Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8535AG-11
www.icst.com/products/hiperclocks.html
REV. B JULY 27, 2001
8
Integrated
Circuit
Systems, Inc.
ICS8535-11
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/
LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
APPLICATION INFORMATION
CRYSTAL OSCILLATOR CIRCUIT FREQUENCY FINE TUNING
A crystal can be characterized for either series or parallel mode operation. The ICS8535-11 and ICS8533-11 fanout buffers have
built-in crystal oscillator circuits that can accept either a series or parallel crystal without additional components. The frequency
accuracy provided by this configuration is sufficient for most computer applications.
For applications requiring highly accurate clock frequencies, the output frequency can be fine tuned by inserting a small series
capacitor C1 at the XTAL1 input (Pin 6 for ICS8535-11) as shown in
Figure 7. This fine tuning approach can be applied in either
parallel or series crystal. The C1 value depends on the crystal type, frequency and the board layout. The parallel crystal fine tuning
results in smaller ppm and better performance. It is difficult to provide the precise value of C1. This section provides recommended
series capacitor C1 values to start with. This example uses 18pF parallel crystals.
Figure 7 shows the suggested series capacitor value for a parallel crystal. For a 16.666 MHz crystal, the recommended C1 value is
about 33pF.
Figure 8 shows frequency accuracy versus series capacitance for 19.44MHz, 16.666MHz and 15MHz crystals. As seen from this
figure, a 24pF, 33pF and 43pF series capacitor is used to achieve the lowest ppm error for 19.44MHz, 16.666MHz and 15MHz
respectively.
Figure 9 shows the experiment results of crystal oscillator frequency drift due to temperature variation.
X1
U1
XTAL2
XTAL1
C1
FIGURE 7 - CRYSTAL INTERFACE WITH SERIES CAPACITOR C1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com