Electronic Components Datasheet Search
  English  ▼

X  

74FCT244P Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 74FCT244P
Description  FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT244P Datasheet(HTML) 7 Page - Integrated Device Technology

  74FCT244P Datasheet HTML 1Page - Integrated Device Technology 74FCT244P Datasheet HTML 2Page - Integrated Device Technology 74FCT244P Datasheet HTML 3Page - Integrated Device Technology 74FCT244P Datasheet HTML 4Page - Integrated Device Technology 74FCT244P Datasheet HTML 5Page - Integrated Device Technology 74FCT244P Datasheet HTML 6Page - Integrated Device Technology 74FCT244P Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT273T/AT/CT
FASTCMOSOCTALDFLIP-FLOPWITHMASTERRESET
7
ORDERING INFORMATION
IDT
XX
Temp. Range
XXXX
Device Type
XX
Package
X
Process
SO
PY
Q
Industrial Options
Small Outline IC
Shink Small Outline Package
Quarter-size Small Outline Package
Octal D Flip-Flop with Master Reset
54
74
– 55°C to +125°C
– 40°C to +85°C
D
L
Military Options
CERDIP
Leadless Chip Carrier
Blank
B
Industrial
MIL-STD-883, Class B
FCT
273T
273AT
273CT
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com