Electronic Components Datasheet Search
  English  ▼

X  

RSMF3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RSMF3
Description  General Purpose Metal Oxide Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSMF3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RSMF3 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSMF3 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSMF3 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSMF3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev Date: 11/03/2014
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF/RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
10,000
1,000
100
10
1
1
1
μ
10
μ
100
μ
1m
10m
100m
Pulse Width (sec.)
48
32
16
8
RSMF3
RSMF2
RSMF1
RSMF12
110
66
37
18
250
135
84
42
560
270
190
95
1,300
560
440
215
1,300
560
440
215
1,300
560
440
215
10,000
1,000
100
10
1
1
1
μ
10
μ
100
μ
1m
10m
100m
Pulse Width (sec.)
48
32
16
8
RSMF3
RSMF2
RSMF1
RSMF12
1,500
1,000
700
400
1,500
1,000
700
400
1,500
1,000
700
400
800
420
300
150
300
180
115
56
130
76
43
21
Pulse Limiting Power (One Pulse) / RSMF Series ≤ 5Ω
Pulse Limiting Power (One Pulse) / RSMF Series ≥ 5Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com