Electronic Components Datasheet Search
  English  ▼

X  

ICS9112-31 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9112-31
Description  Frequency Generator for Fibre Channel Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112-31 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9112-31 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112-31 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112-31 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112-31 Datasheet HTML 4Page - Integrated Circuit Systems ICS9112-31 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ICS9112-31/32
Preliminary Product Preview
Electrical Characteristics at 3.3V
Note 1:
Parameter is guaranteed by design and characterization. Not 100% tested in production.
Operating VDD = +3.0V to +3.7V; TA =0°C to 70°C unless otherwise stated
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
I
--
V
0
2
.
0
D
D
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
I
V
7
.
0
D
D
--
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
I
V N
I
)
t
u
p
n
i
p
u
-
l
l
u
P
(
V
0
=0
.
7
-5
.
2
--
A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
I
V N
I
V
=
D
D
0
.
2
--
0
.
2A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
1
V L
O
I L
O
A
m
6
=-
V
5
0
.
0
D
D
V
1
.
0
D
D
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
1
V H
O
I H
O
A
m
5
-
=V
5
8
.
0
D
D
V
2
9
.
0
D
D
-V
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
O
1
I L
O
V L
O
V
2
.
0
=
D
D
0
.
5
10
.
2
2-
A
m
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
O
1
I H
O
V H
O
V
7
.
0
=
D
D
-0
.
7
1
-0
.
0
1
-A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI D
D
d
e
d
a
o
l
n
U-
0
.
4
10
.
0
3A
m
r
o
t
s
i
s
e
R
p
u
-
l
l
u
P
1
R u
p
-0
.
5
7
1-
s
m
h
o
k
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
e
m
i
T
e
s
i
R
1
T 1
r
V
0
.
2
o
t
8
.
0
,
d
a
o
l
F
p
5
1-
5
6
.
02
.
1s
n
e
m
i
T
l
l
a
F
1
T 1
f
V
8
.
0
o
t
0
.
2
,
d
a
o
l
F
p
5
1-
6
.
02
.
1s
n
e
l
c
y
C
y
t
u
D
1
Dt
V
4
.
1
@
d
a
o
l
F
p
5
10
.
0
40
.
0
50
.
0
6%
a
m
g
i
S
e
n
O
,
r
e
t
t
i
J
1
T s
1
j
d
a
o
l
F
p
5
1-
0
.
5
10
.
5
4s
p
e
t
u
l
o
s
b
A
,
r
e
t
t
i
J
1
T b
a
j
d
a
o
l
F
p
5
10
.
0
3
1
--
0
.
0
3
1s
p
r
e
t
t
i
J
e
v
i
t
a
l
u
m
u
c
c
A
1
T
c
c
a
j
e
l
c
y
c
6
5
2
@
d
a
o
l
F
p
5
1-
0
.
7
1-
s
p
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1
Fi
-0
.
5
2-
z
H
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
1
Fo
-5
2
.
6
0
1-
z
H
M
e
m
i
T
p
u
-
r
e
w
o
P
1
T u
p
-8
5
.
70
.
8
1s
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
l
a
t
s
y
r
C
1
C x
n
i
)
1
n
i
P
(
1
X
)
8
n
i
P
(
2
X
-0
.
3-
F
p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com