Electronic Components Datasheet Search
  English  ▼

X  

7B14 Datasheet(PDF) 4 Page - Analog Devices

Part # 7B14
Description  Non Isolated, Linearized RTD Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B14 Datasheet(HTML) 4 Page - Analog Devices

  7B14 Datasheet HTML 1Page - Analog Devices 7B14 Datasheet HTML 2Page - Analog Devices 7B14 Datasheet HTML 3Page - Analog Devices 7B14 Datasheet HTML 4Page - Analog Devices 7B14 Datasheet HTML 5Page - Analog Devices 7B14 Datasheet HTML 6Page - Analog Devices 7B14 Datasheet HTML 7Page - Analog Devices 7B14 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7B14
Rev. 0 | Page 4 of 8
Nonlinearity2
Refer to Model Table
Input Offset vs. Temperature
±1 µV/°C
Zero Suppression vs. Temperature
±0.002% (Rz/Rspan)
3/°C
Span vs. Temperature
±60 ppm/°C
Output Offset vs. Temperature
±0.002% Span/°C
Lead Resistance Effect
±0.02°C/
Ω
Output Noise
5 MHz Bandwidth
1 mV peak
10 Hz to 100 Hz Bandwidth
0.4 mV rms
0.1 Hz to 10 Hz Bandwidth
0.6 µV peak
Bandwidth, -3 dB
3 Hz
Output Rise Time
250 ms
Normal Mode Rejection @ 50/60 Hz
60 dB
Input Protection
±30 V dc, continuous
Input Transient Protection
ANSI/IEEE C376.90.1-1989
IEEE-STD 472
IEC 255-4, Class II
Output Resistance
< 1
Ω
Voltage Output Protection
Continuous Short to Ground
Power Supply
Voltage Range, Operating
+14 V dc to +35 V dc
Current
+25 mA, maximum
Sensitivity
±0.0001%/% of Vs
Mechanical Dimensions
1.663" x 2.11" x 0.563"
(42.24 mm x 53.6 mm x 14.3 mm)
Environmental
Temperature Range
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity, 24 hours
0 to 90% @ +60°C noncondensing
ESD Sensitivity
IEC 801-2, Level 2
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
Warm-up time required to meet specifications is approximately 10 minutes.
* Contact factory for OEM requirements.
1 Includes the combined effects of repeatability, hysteresis, and nonlinearity.
2 Nonlinearity is calculated using best-fit straight line method.
3 Rz is the value of the RTD resistance at the lowest measurement point. R
span is the change in resistance over the measurement span.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com